công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4570 bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện AN4570
Giải thích chi tiết về linh kiện  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 15Page - STMicroelectronics AN4570 Datasheet HTML 16Page - STMicroelectronics AN4570 Datasheet HTML 17Page - STMicroelectronics AN4570 Datasheet HTML 18Page - STMicroelectronics AN4570 Datasheet HTML 19Page - STMicroelectronics AN4570 Datasheet HTML 20Page - STMicroelectronics AN4570 Datasheet HTML 21Page - STMicroelectronics AN4570 Datasheet HTML 22Page - STMicroelectronics AN4570 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
DocID026804 Rev 1
19/46
AN4570
Interfacing with a non-multiplexed, asynchronous 16-bit NOR Flash memory
45
GPIO_Init_Structure.Pin
= GPIO_PIN_7 | GPIO_PIN_8 | GPIO_PIN_9 |
GPIO_PIN_10 |
GPIO_PIN_11 | GPIO_PIN_12 | GPIO_PIN_13 |
GPIO_PIN_14 | GPIO_PIN_15;
HAL_GPIO_Init(GPIOE, &GPIO_Init_Structure);
/*## Address Bus #######*/
/* GPIOF configuration */
GPIO_Init_Structure.Pin
= GPIO_PIN_2 | GPIO_PIN_3 |
GPIO_PIN_4 | GPIO_PIN_5 | GPIO_PIN_12 |
GPIO_PIN_13 |
GPIO_PIN_14 | GPIO_PIN_15;
HAL_GPIO_Init(GPIOF, &GPIO_Init_Structure);
GPIO_Init_Structure.Pin
= GPIO_PIN_0 | GPIO_PIN_1;
HAL_GPIO_Init(GPIOH, &GPIO_Init_Structure);
/* GPIOG configuration */
GPIO_Init_Structure.Pin
= GPIO_PIN_0 | GPIO_PIN_1 | GPIO_PIN_2 |
GPIO_PIN_3 | GPIO_PIN_4 | GPIO_PIN_5;
HAL_GPIO_Init(GPIOG, &GPIO_Init_Structure);
/* GPIOD configuration */
GPIO_Init_Structure.Pin
= GPIO_PIN_11 | GPIO_PIN_12 | GPIO_PIN_13;
HAL_GPIO_Init(GPIOD, &GPIO_Init_Structure);
/* GPIOE configuration */
GPIO_Init_Structure.Pin
= GPIO_PIN_3 | GPIO_PIN_4 | GPIO_PIN_5 |
GPIO_PIN_6;
HAL_GPIO_Init(GPIOE, &GPIO_Init_Structure);
/*## NOE and NWE configuration ######*/
GPIO_Init_Structure.Pin = GPIO_PIN_4 | GPIO_PIN_5;
HAL_GPIO_Init(GPIOD, &GPIO_Init_Structure);
/*## NE2 configuration ######*/
GPIO_Init_Structure.Pin = GPIO_PIN_9;
HAL_GPIO_Init(GPIOG, &GPIO_Init_Structure);
/*## Configure PD6 for NOR memory Ready/Busy signal ######*/
GPIO_Init_Structure.Pin
= GPIO_PIN_6;
GPIO_Init_Structure.Mode
= GPIO_MODE_AF_PP;
GPIO_Init_Structure.Pull
= GPIO_PULLUP;
GPIO_Init_Structure.Alternate = GPIO_AF12_FMC;
HAL_GPIO_Init(GPIOD, &GPIO_Init_Structure);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46