công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4570 bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện AN4570
Giải thích chi tiết về linh kiện  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 23Page - STMicroelectronics AN4570 Datasheet HTML 24Page - STMicroelectronics AN4570 Datasheet HTML 25Page - STMicroelectronics AN4570 Datasheet HTML 26Page - STMicroelectronics AN4570 Datasheet HTML 27Page - STMicroelectronics AN4570 Datasheet HTML 28Page - STMicroelectronics AN4570 Datasheet HTML 29Page - STMicroelectronics AN4570 Datasheet HTML 30Page - STMicroelectronics AN4570 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
DocID026804 Rev 1
27/46
AN4570
Interfacing with a non-multiplexed, asynchronous 16-bit SRAM
45
sramHandle.Init.WrapMode
= FMC_WRAP_MODE_DISABLE;
sramHandle.Init.WaitSignalActive
= FMC_WAIT_TIMING_BEFORE_WS;
sramHandle.Init.WriteOperation
= FMC_WRITE_OPERATION_ENABLE;
sramHandle.Init.WaitSignal
= FMC_WAIT_SIGNAL_DISABLE;
sramHandle.Init.ExtendedMode
= FMC_EXTENDED_MODE_DISABLE;
sramHandle.Init.AsynchronousWait
= FMC_ASYNCHRONOUS_WAIT_DISABLE;
sramHandle.Init.WriteBurst
= SRAM_WRITEBURST;
/* SRAM controller initialization */
if(HAL_SRAM_Init(&sramHandle, &Timing, &Timing) != HAL_OK)
{
return SRAM_ERROR;
}
/*##-2- SRAM memory read/write access
######################################*/
/* Write data to the SRAM memory */
if(HAL_SRAM_Write_16b(&sramHandle,
(uint32_t *)(SRAM_DEVICE_ADDR + WRITE_READ_ADDR),
sram_aTxBuffer,
BUFFER_SIZE) != HAL_OK)
{
return SRAM_ERROR;
}
/* Read back data from the SRAM memory */
if(HAL_SRAM_Read_16b(&sramHandle,
(uint32_t *)(SRAM_DEVICE_ADDR + WRITE_READ_ADDR),
sram_aRxBuffer,
BUFFER_SIZE) != HAL_OK)
{
return SRAM_ERROR;
}
return SRAM_OK;
}
/**
* @brief
Initializes the SRAM MSP.
* @param
None
* @retval None
*/
void HAL_SRAM_MspInit(SRAM_HandleTypeDef *hsram)
{
static DMA_HandleTypeDef dmaHandle;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46