công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4570 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện AN4570
Giải thích chi tiết về linh kiện  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 14Page - STMicroelectronics AN4570 Datasheet HTML 15Page - STMicroelectronics AN4570 Datasheet HTML 16Page - STMicroelectronics AN4570 Datasheet HTML 17Page - STMicroelectronics AN4570 Datasheet HTML 18Page - STMicroelectronics AN4570 Datasheet HTML 19Page - STMicroelectronics AN4570 Datasheet HTML 20Page - STMicroelectronics AN4570 Datasheet HTML 21Page - STMicroelectronics AN4570 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Interfacing with a non-multiplexed, asynchronous 16-bit NOR Flash memory
AN4570
18/46
DocID026804 Rev 1
if(NOR_ReadData(WRITE_READ_ADDR,
nor_aRxBuffer,
BUFFER_SIZE) != NOR_OK)
{
return NOR_ERROR;
}
return NOR_OK;
}
/**
* @brief
Initializes the NOR MSP.
* @param
None
* @retval None
*/
void HAL_NOR_MspInit(NOR_HandleTypeDef *hnor)
{
GPIO_InitTypeDef GPIO_Init_Structure;
/* Enable FMC clock */
__FMC_CLK_ENABLE();
/* Enable GPIOs clock */
__GPIOD_CLK_ENABLE();
__GPIOE_CLK_ENABLE();
__GPIOF_CLK_ENABLE();
__GPIOG_CLK_ENABLE();
__GPIOH_CLK_ENABLE();
/* Common GPIO configuration */
GPIO_Init_Structure.Mode
= GPIO_MODE_AF_PP;
GPIO_Init_Structure.Pull
= GPIO_PULLUP;
GPIO_Init_Structure.Speed
= GPIO_SPEED_HIGH;
GPIO_Init_Structure.Alternate = GPIO_AF12_FMC;
/*## Data Bus #######*/
/* GPIOD configuration */
GPIO_Init_Structure.Pin
= GPIO_PIN_0 | GPIO_PIN_1 | GPIO_PIN_8 |
GPIO_PIN_9 |
GPIO_PIN_10 | GPIO_PIN_14 | GPIO_PIN_15;
HAL_GPIO_Init(GPIOD, &GPIO_Init_Structure);
/* GPIOE configuration */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46