| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0851 bảng dữ liệu(PDF) 234 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0851 bảng dữ liệu(HTML) 234 Page - STMicroelectronics |
|
234 / 245 page ![]() Power management section UM0851 234/245 Doc ID 16604 Rev 2 $ cat /proc/spear_clocks irda_fck 0 166000000 0 gmac_fck 0 166000000 1 smi_fck 0 166000000 0 fsmc_fck 0 83000000 1 udc_ck 0 48000000 1 appl_sub_gpio_fclk 0 83000000 0 basic_sub_gpio_fclk 0 83000000 0 jpeg_fclk 0 166000000 0 ssp2_fclk 0 83000000 0 ssp1_fclk 0 83000000 0 ssp0_fclk 0 83000000 0 adc_fclk 0 83000000 0 dma_fclk 0 166000000 1 clcd_fclk 0 48000000 0 mmci_fclk 0 33000000 0 wdt_fck 0 30000000 0 i2c_fck 0 166000000 0 i2c_ick 0 83000000 0 uart2_fck 0 48000000 0 uart1_fck 0 48000000 1 rtc_fck 0 32000 0 gpt5_fck 0 48000000 0 gpt5_ick 0 83000000 0 gpt4_fck 0 48000000 0 gpt4_ick 0 83000000 0 gpt3_fck 0 48000000 0 gpt3_ick 0 83000000 0 gpt2_fck 0 48000000 0 gpt2_ick 0 83000000 0 gpt1_fck 0 332000000 2 gpt1_ick 0 83000000 2 core_apb_lo_sys_ck 0 83000000 1 core_apb_cpu2_sys_ck 0 83000000 0 core_apb_cpu1_sys_ck 0 83000000 1 core_apb_basic_sys_ck 0 83000000 0 core_apb_app_sys_ck 0 83000000 0 core_ahb_ck 0 166000000 4 mpu_ck 0 332000000 0 core_ck 0 332000000 2 pll_ck 0 332000000 1 pll3_48_ck 0 48000000 2 sys_ck 0 30000000 2 osc_sys_ck 0 30000000 1 spear_32k_ck 0 32000 0 The command displays all the clocks in the clock dependency tree in the following format: The above data can be interpreted to obtain the information that the GMAC functional clock has a clock rate of 166 MHz and it's usage count is zero indicates that the Ethernet driver interface has not been made up and is not using the clock. There are certain drivers like I2C/UART which will only enable the clock while transmitting or receiving the data, as they are acting as Master Controllers. The other drivers such as Table 63. Clock dependency tree display format (example) Clock name Clock ID Clock rate Clock usage count gmac_fck 0 166000000 0 |