công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0851 bảng dữ liệu(PDF) 204 Page - STMicroelectronics

tên linh kiện UM0851
Giải thích chi tiết về linh kiện  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 bảng dữ liệu(HTML) 204 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 200Page - STMicroelectronics UM0851 Datasheet HTML 201Page - STMicroelectronics UM0851 Datasheet HTML 202Page - STMicroelectronics UM0851 Datasheet HTML 203Page - STMicroelectronics UM0851 Datasheet HTML 204Page - STMicroelectronics UM0851 Datasheet HTML 205Page - STMicroelectronics UM0851 Datasheet HTML 206Page - STMicroelectronics UM0851 Datasheet HTML 207Page - STMicroelectronics UM0851 Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 245 page
background image
Audio/video drivers
UM0851
204/245
Doc ID 16604 Rev 2
u32 len; /* length of requested data.for single transaction it cannot be greater
than 16 * 1024/bfr_max_channel_ configured.for e.g. if a given timeslot
is configured for 16 channel, then length cannot be greater than 1024
bytes.*/
u32 actual_len; /* Reports bytes transfered to/from the buffer */
/* Function call when request completes.*/
void (*complete)( struct spear_ts *ts , struct spear_tdm_req *);
int status; /* Reports zero or negative error number.*/
struct list_head list; /* request list used by TDM driver.*/
};
Buffer read
This API is used to read n bytes of data from the buffer memory
/* spear_ts: timeslot structure.
spear_tdm_req: tdm request structure. */
spear_tdm_bfr_read(struct spear_ts *spear_ts , struct spear_tdm_req *req );
TDM bufferization start
This API starts bufferization for a single channel and enables the interrupt line. If
bufferization for more than one channel is required, the API needs to be called again for
each channel.
/* spear_ts: timeslot structure.
pcm_synchro: Indicate whether the channel used is narrowband/wideband.
dir: Direction for the bufferization(IN/OUT/BOTH)
Note : Not used in switching. */
spear_tdm_bfr_start(struct spear_ts *ts , u8 pcm_synchro, int dir);
TDM bufferization stop
This API is used to stop TDM bufferization and disable interrupts. It also frees any pending
request.
/* spear_ts: timeslot structure.
Note : Not used in switching. */
spear_tdm_bfr_stop(struct spear_ts *spear_ts);
Bufferization channel free
If the channel is not in use, this API is called to free the unused channel.
/* spear_ts: timeslot structure. Note : Not used in switching.
Return channel number on success and negative value on error. */
spear_tdm_bfr_put(struct spear_ts *ts);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More