công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0851 bảng dữ liệu(PDF) 117 Page - STMicroelectronics

tên linh kiện UM0851
Giải thích chi tiết về linh kiện  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 bảng dữ liệu(HTML) 117 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 113Page - STMicroelectronics UM0851 Datasheet HTML 114Page - STMicroelectronics UM0851 Datasheet HTML 115Page - STMicroelectronics UM0851 Datasheet HTML 116Page - STMicroelectronics UM0851 Datasheet HTML 117Page - STMicroelectronics UM0851 Datasheet HTML 118Page - STMicroelectronics UM0851 Datasheet HTML 119Page - STMicroelectronics UM0851 Datasheet HTML 120Page - STMicroelectronics UM0851 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
117/245
/* append skb to Tx buffer ring */
......
if(Tx DMA not running) {
/* START Tx DMA */
......
}
return 0;
}
Attach protocols
channel_attach() is a function called by the generic HDLC layer when a certain protocol is
attached to the HDLC device. It requires the device to change the encoding schema and
CRC type based on the protocol. The function prototype is:
int
channel_xmit(struct net_device *dev,
unsigned short encoding,
unsigned short parity);
Note:
Currently, SPEAr HDLC driver does not support changing the encoding schema and CRC
type. So attach is left empty.
I/O control
channel_ioctl() is used to configure the HDLC channel. Most IOCTLs are handled in the
Linux network layer and the generic HDLC layer. This function just calls hdlc_ioctl to hand
over these IOCTL requests. Besides standard IOCTLs, the driver defines some private
IOCTLs which change the hardware behavior.
int channel_ioctl (struct net_device *dev, struct ifreq *ifr, int cmd) {
switch(cmd) {
case SIOCDEVPRIVATE:
......
break;
default:
return hdlc_ioctl(dev, ifr, cmd);
}
4.10.4
Driver parameters
TDM/E1 HDLC and RS485 HDLC share the same driver code. The differences between
them are specified in different driver parameters.
There are two kinds of driver parameters: one is for a physical port, another is for logical
channels (multiple logical channels may share the same physical port).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More