| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0851 bảng dữ liệu(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0851 bảng dữ liệu(HTML) 104 Page - STMicroelectronics |
|
104 / 245 page ![]() Communication device drivers UM0851 104/245 Doc ID 16604 Rev 2 /*Enable the receiver and set local mode....*/ options.c_cflag|= (CLOCAL | CREAD); /*Set the new options for the port..........*/ ioctl(fd,TCSETS,&options); read(fd,s,10); close(fd); return 0; } The other functions of the I/O ports like the modem control operations can also be controlled by adding some modem control functions to this application. Some important TTY commands ● Getty getty opens a TTY port, prompts for a login name and invokes the /bin/login command. The getty command sets and manages terminals by setting up the speed, the terminal flags, and the line discipline. Example: /sbin/getty 9600 ttyS1 ● Stty stty is used to change and print the terminal line settings. /* List the attribute settings for a terminal that has a user logged on it already.*/ stty -a -F /dev/ttyS0 /* Disable modem control signals. */ stty clocal -F /dev/ttyS0 /* Enable RTS/CTS handshaking */ stty crtscts -F /dev/ttyS0 /* Set the baud rate of current terminal to 9600 baud. */ stty baud=9600 4.8.4 Configuration options Table 34. UART menuconfig kernel options Configuration option Comment CONFIG_SERIAL_CORE This option enables UART tty framework. CONFIG_SERIAL_CORE_CONSOLE This option enables UART console framework. CONFIG_SPEAR_SERIAL_PL011 This option enables SPEAr UART driver support for TTY framework. CONFIG_SPEAR_SERIAL_PL011_CONSOLE This option enables SPEAr UART driver support for console framework. |