công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0097 bảng dữ liệu(PDF) 112 Page - STMicroelectronics

tên linh kiện UM0097
Giải thích chi tiết về linh kiện  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 bảng dữ liệu(HTML) 112 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 108Page - STMicroelectronics UM0097 Datasheet HTML 109Page - STMicroelectronics UM0097 Datasheet HTML 110Page - STMicroelectronics UM0097 Datasheet HTML 111Page - STMicroelectronics UM0097 Datasheet HTML 112Page - STMicroelectronics UM0097 Datasheet HTML 113Page - STMicroelectronics UM0097 Datasheet HTML 114Page - STMicroelectronics UM0097 Datasheet HTML 115Page - STMicroelectronics UM0097 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 229 page
background image
Peripheral firmware overview
UM0097
112/229
TIM_ClockLevelValue
Example:
This example illustrates how to get the current clock level of the TIM0.
{
...
TIM_Clock_Edges CurrentLevel;
CurrentLevel = TIM_ClockLevelValue (TIM0);
...
}
TIM_ICAPModeConfig
Function Name
TIM_ClockLevelValue
Function Prototype
Clock_Levels TIM_ClockLevelValue (TIM_TypeDef *TIMx);
Behavior Description
This routine gets and returns the clock active level when using an
external clock source.
Input Parameter
TIMx: specifies the TIM to be configured. Refer to TIM values on
page 103 for more details on the allowed values of this parameter.
Output Parameter
None
Return Value
The external clock level of the specified timer. Refer to Clock edges
enumeration on page 104 for more details on the allowed values of this
parameter.
Required preconditions
None
Called Functions
None
Function Name
TIM_ICAPModeConfig
Function Prototype
void TIM_ICAPModeConfig (TIM_TypeDef *TIMx,
TIM_Channels Xchannel, Clock_Edges Xedge);
Behavior Description
This routine is used to configure the Input capture mode.
Input Parameter 1
TIMx specifies the TIM to be initialized. Refer to TIM values on
page 103 for more details on the allowed values of this parameter.
Input Parameter 2
Xchannel: specifies the input capture channels. Refer to TIM channels
enumeration on page 104 for more details on the allowed values of this
parameter.
Input Parameter 3
Xedge: specifies the input capture sensitive edge. Refer to Clock edges
enumeration on page 104 for more details on the allowed values of this
parameter.
Output Parameter
None
Return Value
None
Required preconditions
None
Called Functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More