| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0097 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 229 page ![]() Peripheral firmware overview UM0097 30/229 Table 10 presents the RCCU registers. The RCCU peripheral is declared in the same file: ... #define RCCU_BASE 0xA0000000 ... #ifndef DEBUG ... #ifdef _RCCU #define RCCU ((RCCU_TypeDef *)RCCU_BASE) #endif /*RCCU*/ ... #else /* DEBUG */ ... #ifdef _RCCU EXT RCCU_TypeDef *RCCU; #endif /*RCCU*/ ... #endif When debug mode is used, RCCU pointer is initialized in 71x_lib.c file: #ifdef _RCCU #ifdef _RCCU RCCU = (RCCU_TypeDef *)RCCU_BASE; #endif In debug mode the following macro is defined in 71x_conf.h file: ● _RCCU is defined to access the corresponding peripheral registers. #define _RCCU Clock divider parameters The following enumeration defines the clock divider parameters. Clock_Div enumeration is defined in the file 71x_rccu.h: typedef enum {RCCU_DEFAULT = 0x00, RCCU_RCLK_2 = 0x01, RCCU_RCLK_4 = 0x02, RCCU_RCLK_8 = 0x03 } RCCU_Clock_Div; Table 10. RCCU registers Register Description CCR Clock Control Register CFR Clock Flag Register PLL1CR PLL1 configuration Register PER Peripheral Clock Enable Register SMR System Mode Register |