| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0097 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 229 page ![]() Peripheral firmware overview UM0097 28/229 PCU_STANDBY Example: This examples configures the RTC alarm then goes into STANDBY mode { /* Configure RTC alarm after RTC_ALARM_DELAY s */ RTC_AlarmConfig(RTC_CounterValue() + RTC_ALARM_DELAY); /* Go into Standby */ PCU_STANDBY(); } PCU_FlashBurstCmd Example: This example shows how to enable/disable FLASH Burst mode. { /* Set the FLASH in LP mode */ PCU_FlashBurstCmd(DISABLE); /* Set the FLASH in BURST mode */ PCU_FlashBurstCmd(ENABLE); } Function Name PCU_STANDBY Function Prototype void PCU_STANDBY (void); Behavior Description This routine is used to enter STANDBY mode Input Parameter None Output Parameter None Return Value None Required preconditions None Called Functions None Function Name PCU_FlashBurstCmd Function Prototype PCU_FlashBurstCmd(FunctionalState NewState); Behavior Description This routine is used to set the FLASH to LP/BURST mode Input Parameter NewStatus: specifies whether the FLASH BURST mode is enabled or disabled. – ENABLE: FLASH in BURST mode (default mode) – DISABLE: FLASH in LP mode, the maximum allowed execution frequency = 33 MHz Output Parameter None Return Value None Required preconditions None Called Functions None |