| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0097 bảng dữ liệu(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 bảng dữ liệu(HTML) 53 Page - STMicroelectronics |
|
53 / 229 page ![]() UM0097 Peripheral firmware overview 53/229 3.4.1 Data structures EIC register structure The EIC peripheral register structure EIC_TypeDef is defined in the file 71x_map.h as follows: typedef volatile struct { vu32 ICR; vu32 CICR; vu32 CIPR; u32 EMPTY1[3]; vu32 IVR; vu32 FIR; vu32 IER; u32 EMPTY2[7]; vu32 IPR; u32 EMPTY3[7]; u32 SIR[32]; } EIC_TypeDef; Table 26 presents the EIC peripheral registers. EIC peripheral is declared in the 71x_map.h file as follows: ... /* EIC Base Address Definition */ #define EIC_BASE 0xFFFFF800 ... #ifndef DEBUG ... #ifdef _EIC #define EIC ((EIC_TypeDef *)EIC_BASE) #endif /*EIC*/ ... #else /* DEBUG */ ... #ifdef _EIC EXT EIC_TypeDef *EIC; #endif /*EIC*/) ... #endif Table 26. EIC peripheral registers Register Description ICR Interrupt Control Register CICR Current Interrupt Channel Register CIPR Current Interrupt Priority Register IVR Interrupt Vector Register FIR Fast Interrupt Register IER Interrupt Enable Register IPR Interrupt Pending Register SIR Source Interrupt Registers |