| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0097 bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 229 page ![]() UM0097 Peripheral firmware overview 33/229 Table 15 lists the different values of the PLL division factor. USB clock source The following enumeration defines the USB clock sources. USB_Clocks enumeration is defined in the file 71x_rccu.h: typedef enum {RCCU_PLL2_Output = 0x01, RCCU_USBCK = 0x00 } RCCU_USB_Clocks; Table 16 describes the USB clock sources. RCCU internal clocks The following enumeration defines the RCCU internal clocks. RCCU_Clocks enumeration is defined in the file 71x_rccu.h: typedef enum {RCCU_CLK2, RCCU_RCLK, RCCU_MCLK, RCCU_PCLK2, RCCU_PCLK1 } RCCU_Clocks; Table 15. PLL division factors PLL Division factor Description RCCU_Div_1 Division factor equal to 1 RCCU_Div_2 Division factor equal to 2 RCCU_Div_3 Division factor equal to 3 RCCU_Div_4 Division factor equal to 4 RCCU_Div_5 Division factor equal to 5 RCCU_Div_6 Division factor equal to 6 RCCU_Div_7 Division factor equal to 7 Table 16. USB clock sources USB Clock Source Description RCCU_PLL2_Output Select the PLL2 output as USB clock source RCCU_USBCK Select the USBCK as USB clock source |