công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0097 bảng dữ liệu(PDF) 64 Page - STMicroelectronics

tên linh kiện UM0097
Giải thích chi tiết về linh kiện  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 bảng dữ liệu(HTML) 64 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 60Page - STMicroelectronics UM0097 Datasheet HTML 61Page - STMicroelectronics UM0097 Datasheet HTML 62Page - STMicroelectronics UM0097 Datasheet HTML 63Page - STMicroelectronics UM0097 Datasheet HTML 64Page - STMicroelectronics UM0097 Datasheet HTML 65Page - STMicroelectronics UM0097 Datasheet HTML 66Page - STMicroelectronics UM0097 Datasheet HTML 67Page - STMicroelectronics UM0097 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 229 page
background image
Peripheral firmware overview
UM0097
64/229
EIC_CurrentFIQChannelValue
Note:
When you use both Timer 0 and Watchdog Timer FIQ interrupts in your application, this
function is required in the FIQ interrupts service routine for software prioritization and to
define which FIQ pending bit you have to clear.
Example:
This example shows how to use the EIC_FIQChannelValue function in the FIQ interrupts
service routine to define the source of FIQ interrupts.
void FIQ_Handler(void)
{
switch (EIC_CurrentFIQChannelValue())
{
case T0TIMI_FIQChannel:
TIM0->SR &= ~0x2000; // Clear the Timer 0 interrupt flag
/* Clear the corresponding FIQ pending bit */
EIC_FIQPendingBitClear(T0TIMI_FIQChannel);
/*............User code............*/
break;
case WDG_FIQChannel:
WDG->SR = 0x0000; /* Clear the WDG interrupt flag */
/* Clear the corresponding FIQ pending bit */
EIC_FIQPendingBitClear(WDG_FIQChannel);
/*............User code............*/
break;
case WDGT0TIMI_FIQChannels:
WDG->SR = 0x000;
/* Clear the WDG interrupt flag */
TIM0->SR &= ~0x2000; // Clear the Timer 0 interrupt flag
/* Clear the FIQ pending bits */
EIC_FIQPendingBitClear(WDGT0TIMI_FIQChannels);
/*............User code............*/
break;
}
}
Function Name
EIC_FIQChannelValue
Function Prototype
FIQChannel_TypeDef EIC_CurrentFIQChannelValue(void);
Behavior Description
This function gets and return the current served FIQ channel number
Input Parameter
None
Output Parameter
None
Return Value
The current served FIQ channel number.
Refer to FIQ channel enumeration on page 55 for details on allowed
values of FIQChannel parameter.
Required Preconditions
None
Called Functions
None
See also
EIC_FIQPendingBitClear on page 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More