| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0097 bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 229 page ![]() UM0097 Peripheral firmware overview 35/229 Table 19 describes the RCCU flags. Reset sources The following enumeration defines the RCCU reset sources. RCCU_ResetSources enumeration is defined in the file 71x_rccu.h: typedef enum { RCCU_ExternalReset = 0x00000000, RCCU_SoftwareReset = 0x00000020, RCCU_WDGReset = 0x00000040, RCCU_RTCAlarmReset = 0x00000080, RCCU_LVDReset = 0x00000200, RCCU_WKPReset = 0x00000400 }RCCU_ResetSources; Table 20 describes the RCCU reset sources. PLL1 free running modes The following enumeration defines the PLL1 free dunning modes. RCCU_PLL1FreeRunningModes enumeration is declared in the file 71x_rccu.h: typedef enum { RCCU_PLL1FreeRunning125, RCCU_PLL1FreeRunning250, RCCU_PLL1FreeRunning500 }RCCU_PLL1FreeRunningModes; Table 19. RCCU flags RCCU flag Description RCCU_PLL1_LOCK PLL1 lock interrupt pending flag RCCU_CKAF_ST CK_AF Status RCCU_PLL1_LOCK_I PLL1 Lock Interrupt pending bit RCCU_CKAF_I Clock alternate function switching interrupt pending flag RCCU_CK2_16_I Clock2/16 switching interrupt pending flag RCCU_STOP_I Stop Interrupt pending bit Table 20. RCCU reset sources RCCU reset sources Description RCCU_ExternalReset Reset caused by external pin RCCU_SoftwareReset Reset caused by software RCCU_WDGReset Reset caused by Watchdog RCCU_RTCAlarmReset Reset caused by RTC to wake-up the system from StandBy mode RCCU_LVDReset Reset caused by LVD RCCU_WKPReset Reset caused by wake-up pin to wake-up the system from StandBy mode |