| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0097 bảng dữ liệu(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 bảng dữ liệu(HTML) 109 Page - STMicroelectronics |
|
109 / 229 page ![]() UM0097 Peripheral firmware overview 109/229 TIM_ClockSourceConfig Example: This example illustrates how to configure the TIM0 timer to be clocked by an external source. { ... TIM_ClockSourceConfig (TIM0, TIM_EXTERNAL); ... } TIM_ClockSourceValue Example: This example illustrates how to get the TIM0 timer source clock. { TIM_Clocks CurrentTIMClock; ... CurrentTIMClock = TIM_ClockSourceValue (TIM0); ... } Function Name TIM_ClockSourceConfig Function Prototype void TIM_ClockSourceConfig (TIM_TypeDef *TIMx, TIM_Clocks Xclock); Behavior Description This routine configures the source clock of the TIM peripheral. Input Parameter 1 TIMx: specifies the TIM to be configured. Refer to TIM values on page 103 for more details on the allowed values of this parameter. Input Parameter 2 Xclock specifies the TIM source clock. Refer to Clock sources enumeration on page 104 for more details on the allowed values of this parameter. Output Parameter None Return Value None Required preconditions None Called Functions None Function Name TIM_ClockSourceValue Function Prototype TIM_Clocks TIM_ClockSourceValue TIM_TypeDef *TIMx); Behavior Description This routine gets the source clock of the TIM peripheral. Input Parameter TIMx: specifies the TIM to check its source clock. Refer to TIM values on page 103 for more details on the allowed values of this parameter. Output Parameter None Return Value The TIM source clock. Refer to Clock sources enumeration on page 104 for more details on the allowed values of this parameter. Required preconditions None Called Functions None |