công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 142 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 142 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 138Page - Renesas Technology Corp R5F110MF Datasheet HTML 139Page - Renesas Technology Corp R5F110MF Datasheet HTML 140Page - Renesas Technology Corp R5F110MF Datasheet HTML 141Page - Renesas Technology Corp R5F110MF Datasheet HTML 142Page - Renesas Technology Corp R5F110MF Datasheet HTML 143Page - Renesas Technology Corp R5F110MF Datasheet HTML 144Page - Renesas Technology Corp R5F110MF Datasheet HTML 145Page - Renesas Technology Corp R5F110MF Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 142 of 149
Feb 21, 2014
3.8.2
Internal voltage boosting method
Note 1.
This is a capacitor that is connected between voltage pins used to drive the LCD.
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = 0.47
F30%
Note 2.
This is the time required to wait from when the reference voltage is specified by using the VLCD register (or when the
internal voltage boosting method is selected (by setting the MDSET1 and MDSET0 bits of the LCDM0 register to 01B) if
the default value reference voltage is used) until voltage boosting starts (VLCON = 1).
Note 3.
This is the wait time from when voltage boosting is started (VLCON = 1) until display is enabled (LCDON = 1).
(1)
1/3 bias method
(TA = -40 to +105 °C, 2.4 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
LCD output voltage variation range
VL1
C1 to C4 Note 1
= 0.47
F Note 2
VLCD = 04H
0.90
1.00
1.08
V
VLCD = 05H
0.95
1.05
1.13
V
VLCD = 06H
1.00
1.10
1.18
V
VLCD = 07H
1.05
1.15
1.23
V
VLCD = 08H
1.10
1.20
1.28
V
VLCD = 09H
1.15
1.25
1.33
V
VLCD = 0AH
1.20
1.30
1.38
V
VLCD = 0BH
1.25
1.35
1.43
V
VLCD = 0CH
1.30
1.40
1.48
V
VLCD = 0DH
1.35
1.45
1.53
V
VLCD = 0EH
1.40
1.50
1.58
V
VLCD = 0FH
1.45
1.55
1.63
V
VLCD = 10H
1.50
1.60
1.68
V
VLCD = 11H
1.55
1.65
1.73
V
VLCD = 12H
1.60
1.70
1.78
V
VLCD = 13H
1.65
1.75
1.83
V
Doubler output voltage
VL2
C1 to C4Note 1 = 0.47
F
2 VL1 - 0.1
2 VL1
2 VL1
V
Tripler output voltage
VL3
C1 to C4Note 1 = 0.47
F
3 VL1 - 0.15
3 VL1
3 VL1
V
Reference voltage setup time Note 2
tVWAIT1
5ms
Voltage boost wait time Note 3
tVWAIT2
C1 to C4Note 1 = 0.47
F
500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com