công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 138 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 138 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 134Page - Renesas Technology Corp R5F110MF Datasheet HTML 135Page - Renesas Technology Corp R5F110MF Datasheet HTML 136Page - Renesas Technology Corp R5F110MF Datasheet HTML 137Page - Renesas Technology Corp R5F110MF Datasheet HTML 138Page - Renesas Technology Corp R5F110MF Datasheet HTML 139Page - Renesas Technology Corp R5F110MF Datasheet HTML 140Page - Renesas Technology Corp R5F110MF Datasheet HTML 141Page - Renesas Technology Corp R5F110MF Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 138 of 149
Feb 21, 2014
3.6.4
Comparator
Note
Not usable in sub-clock operation or STOP mode.
3.6.5
POR circuit characteristics
Note
Minimum time required for a POR reset when VDD exceeds below VPDR. This is also the minimum time required for a
POR reset from when VDD exceeds below 0.7 V to when VDD exceeds VPOR while STOP mode is entered or the main
system clock is stopped through setting bit 0 (HIOSTOP) and bit 7 (MSTOP) in the clock operation status control register
(CSC).
(TA = -40 to +105 °C, 2.4 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage range
Ivref
0
VDD - 1.4
V
Ivcmp
-0.3
VDD + 0.3
V
Output delay
td
VDD = 3.0 V
Input slew rate > 50 mV/
s
High-speed comparator
mode, standard mode
1.2
s
High-speed comparator
mode, window mode
2.0
s
Low-speed comparator mode,
standard mode
35.0
s
High-electric-potential
judgment voltage
VTW+
High-speed comparator mode, window mode
0.76 VDD
V
Low-electric-potential
judgment voltage
VTW-
High-speed comparator mode, window mode
0.24 VDD
V
Operation stabilization
wait time
tCMP
100
s
Internal reference
voltage Note
VBGR
2.4 V
VDD 3.6 V, HS (high-speed main) mode
1.38
1.45
1.50
V
(TA = -40 to +105 °C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection voltage
VPOR
Power supply rise time
1.45
1.51
1.57
V
VPDR
Power supply fall time Note
1.44
1.50
1.56
V
Minimum pulse width
TPW
300
s
TPW
VPOR
VPDR or 0.7 V
Supply voltage (VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com