công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 29Page - Renesas Technology Corp R5F110MF Datasheet HTML 30Page - Renesas Technology Corp R5F110MF Datasheet HTML 31Page - Renesas Technology Corp R5F110MF Datasheet HTML 32Page - Renesas Technology Corp R5F110MF Datasheet HTML 33Page - Renesas Technology Corp R5F110MF Datasheet HTML 34Page - Renesas Technology Corp R5F110MF Datasheet HTML 35Page - Renesas Technology Corp R5F110MF Datasheet HTML 36Page - Renesas Technology Corp R5F110MF Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 33 of 149
Feb 21, 2014
(Notes and Remarks are listed on the next page.)
(TA = -40 to +85 °C, 1.6 V VDD 3.6 V, VSS = 0 V)
(2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current
Note 1
IDD2
Note 2
HALT mode
HS (high-speed main)
mode Note 7
fHOCO = 48 MHz Note 4,
fIH = 24 MHz Note 4
VDD = 3.6 V
0.77
2.70
mA
VDD = 3.0 V
0.77
2.70
fHOCO = 24 MHz Note 4,
fIH = 24 MHz Note 4
VDD = 3.6 V
0.55
1.91
VDD = 3.0 V
0.55
1.90
fHOCO = 16 MHz Note 4,
fIH = 16 MHz Note 4
VDD = 3.6 V
0.48
1.41
VDD = 3.0 V
0.47
1.41
LS (low-speed main)
mode Note 7
fHOCO = 8 MHz Note 4,
fIH = 8 MHz Note 4
VDD = 3.0 V
300
770
A
VDD = 2.0 V
300
770
LV (low-voltage main)
mode Note 7
fHOCO = 4 MHz Note 4,
fIH = 4 MHz Note 4
VDD = 3.0 V
440
770
A
VDD = 2.0 V
440
770
HS (high-speed main)
mode Note 7
fMX = 20 MHz Note 3,
VDD = 3.6 V
Square wave input
0.35
1.63
mA
Resonator connection
0.51
1.68
fMX = 20 MHz Note 3,
VDD = 3.0 V
Square wave input
0.34
1.63
Resonator connection
0.51
1.68
fMX = 16 MHz Note 3,
VDD = 3.6 V
Square wave input
0.30
1.22
Resonator connection
0.45
1.39
fMX = 16 MHz Note 3,
VDD = 3.0 V
Square wave input
0.29
1.20
Resonator connection
0.45
1.38
fMX = 10 MHz Note 3,
VDD = 3.6 V
Square wave input
0.23
0.82
Resonator connection
0.30
0.90
fMX = 10 MHz Note 3,
VDD = 3.0 V
Square wave input
0.22
0.81
Resonator connection
0.30
0.89
LS (low-speed main)
mode Note 7
fMX = 8 MHz Note 3,
VDD = 3.0 V
Square wave input
120
510
A
Resonator connection
170
560
fMX = 8 MHz Note 3,
VDD = 2.0 V
Square wave input
130
520
Resonator connection
170
570
HS
(High-speed main)
mode
(PLL operation)
fMX = 48 MHz,
fCLK = 24 MHz Note 3
VDD = 3.6 V
0.99
2.89
mA
VDD = 3.0 V
0.99
2.88
fMX = 48 MHz,
fCLK = 12 MHz Note 3
VDD = 3.6 V
0.89
2.48
VDD = 3.0 V
0.89
2.47
fMX = 48 MHz,
fCLK = 6 MHz Note 3
VDD = 3.6 V
0.84
2.27
VDD = 3.0 V
0.84
2.27
Subsystem clock
operation
fSUB = 32.768 kHz Note 5
TA = -40°C
Square wave input
0.32
0.61
A
Resonator connection
0.51
0.80
fSUB = 32.768 kHz Note 5
TA = +25°C
Square wave input
0.41
0.74
Resonator connection
0.62
0.91
fSUB = 32.768 kHz Note 5
TA = +50°C
Square wave input
0.52
2.30
Resonator connection
0.75
2.49
fSUB = 32.768 kHz Note 5
TA = +70°C
Square wave input
0.82
4.03
Resonator connection
1.08
4.22
fSUB = 32.768 kHz Note 5
TA = +85°C
Square wave input
1.38
8.04
Resonator connection
1.62
8.23
IDD3
Note 6
STOP mode
Note 8
TA = -40°C
0.18
0.52
A
TA = +25°C
0.25
0.52
TA = +50°C
0.34
2.21
TA = +70°C
0.64
3.94
TA = +85°C
1.18
7.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com