công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 99 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 99 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 95Page - Renesas Technology Corp R5F110MF Datasheet HTML 96Page - Renesas Technology Corp R5F110MF Datasheet HTML 97Page - Renesas Technology Corp R5F110MF Datasheet HTML 98Page - Renesas Technology Corp R5F110MF Datasheet HTML 99Page - Renesas Technology Corp R5F110MF Datasheet HTML 100Page - Renesas Technology Corp R5F110MF Datasheet HTML 101Page - Renesas Technology Corp R5F110MF Datasheet HTML 102Page - Renesas Technology Corp R5F110MF Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 99 of 149
Feb 21, 2014
Note 1.
Total current flowing into VDD, including the input leakage current flowing when the level of the input pin is fixed to VDD, or
VSS. The values below the MAX. column include the peripheral operation current. However, not including the current
flowing into the LCD controller/driver, A/D converter, D/A converter, comparator, LVD circuit, USB 2.0 function module,
I/O port, and on-chip pull-up/pull-down resistors and the current flowing during data flash rewrite.
Note 2.
When high-speed on-chip oscillator and subsystem clock are stopped.
Note 3.
When high-speed system clock and subsystem clock are stopped.
Note 4.
When high-speed on-chip oscillator and high-speed system clock are stopped. When AMPHS1 = 1 (Ultra-low power
consumption oscillation). However, not including the current flowing into the real-time clock 2, 12-bit interval timer, and
watchdog timer.
Note 5.
Relationship between operation voltage width, operation frequency of CPU and operation mode is as below.
HS (high-speed main) mode:
2.7 V
VDD 3.6 V@1 MHz to 24 MHz
2.4 V
VDD 3.6 V@1 MHz to 16 MHz
Remark 1.
fMX:
High-speed system clock frequency (X1 clock oscillation frequency or external main system clock frequency)
Remark 2.
fHOCO: High-speed on-chip oscillator clock frequency (48 MHz max.)
Remark 3.
fIH:
Main system clock source frequency when the high-speed on-chip oscillator clock divided 1, 2, 4, or 8, or the PLL
clock divided by 2, 4, or 8 is selected (24 MHz max.)
Remark 4.
fSUB:
Subsystem clock frequency (XT1 clock oscillation frequency)
Remark 5.
Except subsystem clock operation, temperature condition of the TYP. value is TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com