công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 36 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 36 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 32Page - Renesas Technology Corp R5F110MF Datasheet HTML 33Page - Renesas Technology Corp R5F110MF Datasheet HTML 34Page - Renesas Technology Corp R5F110MF Datasheet HTML 35Page - Renesas Technology Corp R5F110MF Datasheet HTML 36Page - Renesas Technology Corp R5F110MF Datasheet HTML 37Page - Renesas Technology Corp R5F110MF Datasheet HTML 38Page - Renesas Technology Corp R5F110MF Datasheet HTML 39Page - Renesas Technology Corp R5F110MF Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 36 of 149
Feb 21, 2014
Note 1.
Current flowing to VDD.
Note 2.
When high speed on-chip oscillator and high-speed system clock are stopped.
Note 3.
Current flowing only to the real-time clock 2 (excluding the operating current of the low-speed on-chip oscillator and the
XT1 oscillator). The supply current of the RL78 microcontrollers is the sum of the values of either IDD1 or IDD2, and IRTC,
when the real-time clock 2 operates in operation mode or HALT mode. When the low-speed on-chip oscillator is selected,
IFIL should be added. IDD2 subsystem clock operation includes the operational current of the real-time clock 2.
Note 4.
Current flowing only to the 12-bit interval timer (excluding the operating current of the low-speed on-chip oscillator and
the XT1 oscillator). The supply current of the RL78 microcontrollers is the sum of the values of either IDD1 or IDD2, and
ITMKA, when the 12-bit interval timer operates in operation mode or HALT mode. When the low-speed on-chip oscillator is
selected, IFIL should be added. IDD2 subsystem clock operation includes the operational current of the 12-bit interval
timer.
Note 5.
Current flowing only to the watchdog timer (including the operating current of the low-speed on-chip oscillator). The
current value of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3 and IWDT when the watchdog timer operates in
STOP mode.
Note 6.
Current flowing only to the A/D converter. The supply current of the RL78 microcontrollers is the sum of IDD1 or IDD2 and
IADC, IAVREF, IADREF when the A/D converter operates in an operation mode or the HALT mode.
Note 7.
Current flowing to the AVDD.
Note 8.
Current flowing from the reference voltage source of A/D converter.
Note 9.
Operation current flowing to the internal reference voltage.
Note 10.
Current flowing to the AVREFP.
Note 11.
Current flowing only to the D/A converter. The current value of the RL78 microcontrollers is the sum of IDD1 or IDD2 and
IDA when the D/A converter operates in an operation mode or the HALT mode.
Note 12.
Current flowing only to the comparator circuit. The current value of the RL78 microcontrollers is the sum of IDD1, IDD2 or
IDD3 and ICMP when the comparator circuit operates in the Operating, HALT or STOP mode.
Note 13.
Current flowing only to the LVD circuit. The current value of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3 and
ILVI when the LVD circuit operates in the Operating, HALT or STOP mode.
Note 14.
Current flowing only during self-programming.
Note 15.
Current flowing only during data flash rewrite.
Note 16.
For shift time to the SNOOZE mode, see 23.3.3 SNOOZE mode in the RL78/L1C User’s Manual.
Note 17.
Current flowing only to the LCD controller/driver (VDD pin). The current value of the RL78 microcontrollers is the sum of
the LCD operating current (ILCD1, ILCD2 or ILCD3) to the supply current (IDD1, or IDD2) when the LCD controller/driver
operates in an operation mode or HALT mode. Not including the current that flows through the LCD panel.
Note 18.
Not including the current that flows through the external divider resistor divider resistor.
Note 19.
Current flowing to the UVBUS.
Note 20.
Including the operating current when fPLL = 48 MHz.
Note 21.
Including the current supplied from the pull-up resistor of the UDP pin to the pull-down resistor of the host device, in
addition to the current consumed by this MCU during the suspended state.
Remark 1.
fIL: Low-speed on-chip oscillator clock frequency
Remark 2.
fSUB: Subsystem clock frequency (XT1 clock oscillation frequency)
Remark 3.
fCLK: CPU/peripheral hardware clock frequency
Remark 4.
Temperature condition of the TYP. value is TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com