công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 25 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 25 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 21Page - Renesas Technology Corp R5F110MF Datasheet HTML 22Page - Renesas Technology Corp R5F110MF Datasheet HTML 23Page - Renesas Technology Corp R5F110MF Datasheet HTML 24Page - Renesas Technology Corp R5F110MF Datasheet HTML 25Page - Renesas Technology Corp R5F110MF Datasheet HTML 26Page - Renesas Technology Corp R5F110MF Datasheet HTML 27Page - Renesas Technology Corp R5F110MF Datasheet HTML 28Page - Renesas Technology Corp R5F110MF Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 25 of 149
Feb 21, 2014
2.2.2
On-chip oscillator characteristics
Note 1.
High-speed on-chip oscillator frequency is selected with bits 0 to 4 of the option byte (000C2H) and bits 0 to 2 of the
HOCODIV register.
Note 2.
This only indicates the oscillator characteristics. Refer to AC Characteristics for instruction execution time.
2.2.3
PLL oscillator characteristics
Note
Indicates only oscillator characteristics. Refer to AC Characteristics for instruction execution time.
(TA = -40 to +85 °C, 1.6 V VDD 3.6 V, VSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
High-speed on-chip oscillator
clock frequency Notes 1, 2
fHOCO
148
MHz
High-speed on-chip oscillator
clock frequency accuracy
-20 to +85
C
1.8 V
VDD 3.6 V
-1.0
+1.0
%
1.6 V
VDD 1.8 V
-5.0
+5.0
%
-40 to -20
C
1.8 V
VDD < 3.6 V
-1.5
+1.5
%
1.6 V
VDD 1.8 V
-5.5
+5.5
%
Low-speed on-chip oscillator
clock frequency
fIL
15
kHz
Low-speed on-chip oscillator
clock frequency accuracy
-15
+15
%
(TA = -40 to +85 °C, 2.4 V VDD 3.6 V, VSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
PLL input frequency Note
fPLLIN
High-speed system clock
6.00
16.00
MHz
PLL output frequency Note
fPLL
48.00
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com