công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 14Page - Renesas Technology Corp R5F110MF Datasheet HTML 15Page - Renesas Technology Corp R5F110MF Datasheet HTML 16Page - Renesas Technology Corp R5F110MF Datasheet HTML 17Page - Renesas Technology Corp R5F110MF Datasheet HTML 18Page - Renesas Technology Corp R5F110MF Datasheet HTML 19Page - Renesas Technology Corp R5F110MF Datasheet HTML 20Page - Renesas Technology Corp R5F110MF Datasheet HTML 21Page - Renesas Technology Corp R5F110MF Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 153 page
background image
RL78/L1C
1. OUTLINE
R01DS0192EJ0200 Rev. 2.00
Page 18 of 149
Feb 21, 2014
Note 1.
In the case of the 16 KB, this is about 15 KB when the self-programming function and data flash function are used.
Note 2.
The number of outputs varies, depending on the setting of channels in use and the number of the master.
[80/85-pin, 100-pin products (without USB)]
(1/2)
Item
80/85-pin
100-pin
R5F111Mx/R5F111Nx (x = E to H, J)
R5F111Px (x = E to H, J)
Code flash memory (KB)
64 to 256
64 to 256
Data flash memory (KB)
8
8
RAM (KB)
8 to 16 Note 1
8 to 16 Note 1
Memory space
1 MB
Main system clock
High-speed system clock
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
1 to 20 MHz: VDD = 2.7 to 3.6 V, 1 to 8 MHz: VDD = 1.8 to 2.7 V, 1 to 4 MHz: VDD = 1.6 to 1.8 V
High-speed on-chip
oscillator clock
HS (high-speed main) operation mode: 1 to 24 MHz (VDD = 2.7 to 3.6 V),
HS (high-speed main) operation mode: 1 to 16 MHz (VDD = 2.4 to 3.6 V,
LS (low-speed main) operation mode: 1 to 8 MHz (VDD = 1.8 to 3.6 V),
LV (low-voltage main) operation mode: 1 to 4 MHz (VDD = 1.6 to 3.6 V)
Subsystem clock
XT1 (crystal) oscillation, external subsystem clock input (EXCLKS)
32.768 kHz (TYP.): VDD = 1.6 to 3.6 V
Low-speed on-chip oscillator clock
15 kHz (TYP.): VDD = 1.6 to 3.6 V
General-purpose register
8 bits
 32 registers (8 bits  8 registers  4 banks)
Minimum instruction execution time
0.04167
s (High-speed on-chip oscillator clock: fHOCO = fIH = 24 MHz operation)
0.05
s (High-speed system clock: fMX = 20 MHz operation)
30.5
s (Subsystem clock: fSUB = 32.768 kHz operation)
Instruction set
• Data transfer (8/16 bits)
• Adder and subtractor/logical operation (8/16 bits)
• Multiplication (8 bits
 8 bits, 16 bits  16 bits), Division (16 bits  16 bits, 32 bits  32 bits)
• Multiplication and Accumulation (16 bits
 16 bits + 32 bits)
• Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
63
81
CMOS I/O
55
73
CMOS input
55
CMOS output
11
N-ch open-drain I/O
(6 V tolerance)
22
Timer
16-bit timer TAU
8 channels (with 1 channel remote control output function) (Timer outputs: 8, PWM outputs: 7 Note 2)
16-bit timer KB2
3 channels (PWM outputs: 6)
Watchdog timer
1 channel
12-bit interval timer
1 channel
Real-time clock 2
1 channel
RTC output
1
1 Hz (subsystem clock: fSUB = 32.768 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com