công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 88 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 88 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 84Page - Renesas Technology Corp R5F110MF Datasheet HTML 85Page - Renesas Technology Corp R5F110MF Datasheet HTML 86Page - Renesas Technology Corp R5F110MF Datasheet HTML 87Page - Renesas Technology Corp R5F110MF Datasheet HTML 88Page - Renesas Technology Corp R5F110MF Datasheet HTML 89Page - Renesas Technology Corp R5F110MF Datasheet HTML 90Page - Renesas Technology Corp R5F110MF Datasheet HTML 91Page - Renesas Technology Corp R5F110MF Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 88 of 149
Feb 21, 2014
3.1
Absolute Maximum Ratings
Note 1.
Connect the REGC pin to VSS via a capacitor (0.47 to 1
F). This value regulates the absolute maximum rating of the
REGC pin. Do not use this pin with voltage applied to it.
Note 2.
Connect the UREGC pin to Vss via a capacitor (0.33
F). This value regulates the absolute maximum rating of the UREGC
pin. Do not use this pin with voltage applied to it.
Note 3.
Must be 6.5 V or lower.
Note 4.
Must be 4.6 V or lower.
Note 5.
Do not exceed AVREF(+) + 0.3 V in case of A/D conversion target pin.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Remark 1. Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
Remark 2.
AVREF (+): + side reference voltage of the A/D converter.
Remark 3.
VSS: Reference voltage
Absolute Maximum Ratings (TA = 25
C)
(1/3)
Parameter
Symbols
Conditions
Ratings
Unit
Supply voltage
VDD
-0.5 to + 6.5
V
UVBUS
-0.5 to + 6.5
V
AVDD
AVDD
VDD
-0.5 to + 4.6
V
REGC pin input voltage
VIREGC
REGC
-0.3 to + 2.8
and -0.3 to VDD + 0.3 Note 1
V
UREGC pin input voltage
VIUREGC
UREGC
-0.3 to UVBUS + 0.3 Note 2
V
Input voltage
VI1
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P46, P50 to P57, P70 to P77, P80 to P83,
P125 to P127, P137, P140 to P143, EXCLK,
EXCLKS, RESET
-0.3 to VDD + 0.3 Note 3
V
VI2
P60, P61 (N-ch open-drain)
-0.3 to + 6.5
V
VI3
UDP, UDM
-0.3 to + 6.5
V
VI4
P150 to P156
-0.3 to AVDD + 0.3 Note 4
V
Output voltage
VO1
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P46, P50 to P57, P60, P61, P70 to P77,
P80 to P83, P125 to P127, P140 to P143
-0.3 to VDD + 0.3 Note 3
V
VO2
P130, P150 to P156
-0.3 to AVDD + 0.3 Note 3
V
VO3
UDP, UDM
-0.3 to + 3.8
V
Analog input voltage
VAI1
ANI16 to ANI21
-0.3 to VDD + 0.3
and AVREF(+) + 0.3 Notes 3, 5
V
VAI2
ANI0 to ANI6
-0.3 to AVDD + 0.3
and AVREF(+) + 0.3 Notes 3, 5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com