công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 146 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 146 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 142Page - Renesas Technology Corp R5F110MF Datasheet HTML 143Page - Renesas Technology Corp R5F110MF Datasheet HTML 144Page - Renesas Technology Corp R5F110MF Datasheet HTML 145Page - Renesas Technology Corp R5F110MF Datasheet HTML 146Page - Renesas Technology Corp R5F110MF Datasheet HTML 147Page - Renesas Technology Corp R5F110MF Datasheet HTML 148Page - Renesas Technology Corp R5F110MF Datasheet HTML 149Page - Renesas Technology Corp R5F110MF Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 146 of 149
Feb 21, 2014
3.12
Timing Specs for Switching Modes
<1> The low level is input to the TOOL0 pin.
<2> The external reset ends (POR and LVD reset must end before the external reset ends.).
<3> The TOOL0 pin is set to the high level.
<4> Setting of the flash memory programming mode by UART reception and complete the baud rate setting.
Remark
tSUINIT: The segment shows that it is necessary to finish specifying the initial communication settings within 100 ms from
when the resets end.
tSU:
How long from when the TOOL0 pin is placed at the low level until a external reset ends
tHD:
How long to keep the TOOL0 pin at the low level from when the external and internal resets end (except soft
processing time)
(TA = -40 to +105 °C, 2.4 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
How long from when an external reset ends until the
initial communication settings are specified
tSUINIT
POR and LVD reset must end
before the external reset ends.
100
ms
How long from when the TOOL0 pin is placed at the
low level until an external reset ends
tSU
POR and LVD reset must end
before the external reset ends.
10
s
Time to hold the TOOL0 pin at the low level after an
external reset is released (excluding the processing
time of the firmware to control the flash memory)
tHD
POR and LVD reset must end
before the external reset ends.
1ms
RESET
TOOL0
<1>
<2>
<3>
tSU
<4>
tSUINIT
723 µs + tHD
processing
time
00H reception
(TOOLRxD, TOOLTxD mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com