công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110MF bảng dữ liệu(PDF) 145 Page - Renesas Technology Corp

tên linh kiện R5F110MF
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF bảng dữ liệu(HTML) 145 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 141Page - Renesas Technology Corp R5F110MF Datasheet HTML 142Page - Renesas Technology Corp R5F110MF Datasheet HTML 143Page - Renesas Technology Corp R5F110MF Datasheet HTML 144Page - Renesas Technology Corp R5F110MF Datasheet HTML 145Page - Renesas Technology Corp R5F110MF Datasheet HTML 146Page - Renesas Technology Corp R5F110MF Datasheet HTML 147Page - Renesas Technology Corp R5F110MF Datasheet HTML 148Page - Renesas Technology Corp R5F110MF Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 145 of 149
Feb 21, 2014
3.9
Data Memory STOP Mode Low Supply Voltage Data Retention Characteristics
Note
The value depends on the POR detection voltage. When the voltage drops, the data is retained before a POR reset is
effected, but data is not retained when a POR reset is effected.
3.10
Flash Memory Programming Characteristics
Note 1.
1 erase + 1 write after the erase is regarded as 1 rewrite. The retaining years are until next rewrite after the rewrite.
Note 2.
When using flash memory programmer and Renesas Electronics self programming library
Note 3.
These are the characteristics of the flash memory and the results obtained from reliability testing by Renesas Electronics
Corporation.
3.11
Dedicated Flash Memory Programmer Communication (UART)
(TA = -40 to +105 °C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data retention supply
voltage
VDDDR
1.44 Note
3.6
V
(TA = -40 to +105 °C, 2.4 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
CPU/peripheral hardware
clock frequency
fCLK
2.4 V
VDD 3.6 V
124
MHz
Number of code flash rewrites
Notes 1, 2, 3
Cerwr
Retained for 20 years
TA = 85
C
1,000
Times
Number of data flash rewrites
Notes 1, 2, 3
Retained for 1 year
TA = 25
C
1,000,000
Retained for 5 years
TA = 85
C
100,000
Retained for 20 years
TA = 85
C
10,000
(TA = -40 to +105 °C, 2.4 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
During serial programming
115,200
1,000,000
bps
VDD
STOP instruction execution
Standby release signal
(interrupt request)
STOP mode
Data retention mode
Operation mode
VDDDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com