công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD853F2 bảng dữ liệu(PDF) 36 Page - STMicroelectronics

tên linh kiện PSD853F2
Giải thích chi tiết về linh kiện  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 bảng dữ liệu(HTML) 36 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 32Page - STMicroelectronics PSD853F2 Datasheet HTML 33Page - STMicroelectronics PSD853F2 Datasheet HTML 34Page - STMicroelectronics PSD853F2 Datasheet HTML 35Page - STMicroelectronics PSD853F2 Datasheet HTML 36Page - STMicroelectronics PSD853F2 Datasheet HTML 37Page - STMicroelectronics PSD853F2 Datasheet HTML 38Page - STMicroelectronics PSD853F2 Datasheet HTML 39Page - STMicroelectronics PSD853F2 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
Programming Flash memory
PSD8XXFX
36/128
Doc ID 7833 Rev 7
any location within the sector being erased to get the Toggle flag bit (DQ6) and the Error flag
bit (DQ5).
PSDsoft Express generates ANSI C code functions which implement these Data Toggling
algorithms.
8.3
Unlock Bypass (PSD833F2x, PSD834F2x, PSD853F2x,
PSD854F2x)
The Unlock Bypass instructions allow the system to program bytes to the Flash memories
faster than using the standard Program instruction. The Unlock Bypass mode is entered by
first initiating two Unlock cycles. This is followed by a third WRITE cycle containing the
Unlock Bypass code, 20h (as shown in Table 10).
The Flash memory then enters the Unlock Bypass mode. A two-cycle Unlock Bypass
Program instruction is all that is required to program in this mode. The first cycle in this
instruction contains the Unlock Bypass Program code, A0h. The second cycle contains the
program address and data. Additional data is programmed in the same manner. These
instructions dispense with the initial two Unlock cycles required in the standard Program
instruction, resulting in faster total Flash memory programming.
During the Unlock Bypass mode, only the Unlock Bypass Program and Unlock Bypass
Reset Flash instructions are valid.
To exit the Unlock Bypass mode, the system must issue the two-cycle Unlock Bypass Reset
Flash instruction. The first cycle must contain the data 90h; the second cycle the data 00h.
Addresses are Don’t Care for both cycles. The Flash memory then returns to READ mode.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com