công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD853F2 bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện PSD853F2
Giải thích chi tiết về linh kiện  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 30Page - STMicroelectronics PSD853F2 Datasheet HTML 31Page - STMicroelectronics PSD853F2 Datasheet HTML 32Page - STMicroelectronics PSD853F2 Datasheet HTML 33Page - STMicroelectronics PSD853F2 Datasheet HTML 34Page - STMicroelectronics PSD853F2 Datasheet HTML 35Page - STMicroelectronics PSD853F2 Datasheet HTML 36Page - STMicroelectronics PSD853F2 Datasheet HTML 37Page - STMicroelectronics PSD853F2 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
Programming Flash memory
PSD8XXFX
34/128
Doc ID 7833 Rev 7
8
Programming Flash memory
Flash memory must be erased prior to being programmed. A byte of Flash memory is
erased to all 1s (FFh), and is programmed by setting selected bits to ’0.’ The MCU may
erase Flash memory all at once or by-sector, but not byte-by-byte. However, the MCU may
program Flash memory byte-by-byte.
The primary and secondary Flash memories require the MCU to send an instruction to
program a byte or to erase sectors (see Table 10).
Once the MCU issues a Flash memory Program or Erase instruction, it must check for the
status bits for completion. The embedded algorithms that are invoked inside the PSD
support several means to provide status to the MCU. Status may be checked using any of
three methods: Data Polling, Data Toggle, or Ready/Busy (PC3).
8.1
Data Polling
Polling on the Data Polling flag bit (DQ7) is a method of checking whether a program or
erase cycle is in progress or has completed. Figure 6 shows the Data Polling algorithm.
When the MCU issues a Program instruction, the embedded algorithm within the PSD
begins. The MCU then reads the location of the byte to be programmed in Flash memory to
check status. The Data Polling flag bit (DQ7) of this location becomes the complement of b7
of the original data byte to be programmed. The MCU continues to poll this location,
comparing the Data Polling flag bit (DQ7) and monitoring the Error flag bit (DQ5). When the
Data Polling flag bit (DQ7) matches b7 of the original data, and the Error flag bit (DQ5)
remains ’0,’ the embedded algorithm is complete. If the Error flag bit (DQ5) is '1,' the MCU
should test the Data Polling flag bit (DQ7) again since the Data Polling flag bit (DQ7) may
have changed simultaneously with the Error flag bit (DQ5, see Figure 6).
The Error flag bit (DQ5) is set if either an internal timeout occurred while the embedded
algorithm attempted to program the byte or if the MCU attempted to program a '1' to a bit
that was not erased (not erased is logic '0').
It is suggested (as with all Flash memories) to read the location again after the embedded
programming algorithm has completed, to compare the byte that was written to the Flash
memory with the byte that was intended to be written.
When using the Data Polling method during an Erase cycle, Figure 6 still applies. However,
the Data Polling flag bit (DQ7) is '0' until the Erase cycle is complete. A 1 on the Error flag bit
(DQ5) indicates a timeout condition on the Erase cycle; a 0 indicates no error. The MCU can
read any location within the sector being erased to get the Data Polling flag bit (DQ7) and
the Error flag bit (DQ5).
PSDsoft Express generates ANSI C code functions which implement these Data Polling
algorithms.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com