công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD853F2 bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện PSD853F2
Giải thích chi tiết về linh kiện  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 20Page - STMicroelectronics PSD853F2 Datasheet HTML 21Page - STMicroelectronics PSD853F2 Datasheet HTML 22Page - STMicroelectronics PSD853F2 Datasheet HTML 23Page - STMicroelectronics PSD853F2 Datasheet HTML 24Page - STMicroelectronics PSD853F2 Datasheet HTML 25Page - STMicroelectronics PSD853F2 Datasheet HTML 26Page - STMicroelectronics PSD853F2 Datasheet HTML 27Page - STMicroelectronics PSD853F2 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 128 page
background image
PSD register description and address offset
PSD8XXFX
24/128
Doc ID 7833 Rev 7
5
PSD register description and address offset
Table 7 shows the offset addresses to the PSD registers relative to the CSIOP base
address. The CSIOP space is the 256 bytes of address that is allocated by the user to the
internal PSD registers. Table 8 provides brief descriptions of the registers in CSIOP space.
The following section gives a more detailed description.
Table 7.
I/O port latched address output assignments(1)(2)
1.
See Section 16: I/O ports, on how to enable the Latched Address Output function.
2.
N/A = Not Applicable
MCU
Port A
Port B
Port A (3:0)
Port A (7:4)
Port B (3:0)
Port B (7:4)
8051XA (8-bit)
N/A
Address a7-a4
Address a11-a8
N/A
80C251 (page mode)
N/A
N/A
Address a11-a8
Address a15-
a12
All other 8-bit multiplexed
Address a3-a0
Address a7-a4
Address a3-a0
Address a7-a4
8-bit non-multiplexed bus
N/A
N/A
Address a3-a0
Address a7-a4
Table 8.
Register address offset
Register
name
Port A Port B Port C Port D
Other
(1)
Description
Data In
00
01
10
11
Reads port pin as input, MCU I/O input
mode
Control
02
03
Selects mode between MCU I/O or
Address Out
Data Out
04
05
12
13
Stores data for output to port pins, MCU
I/O output mode
Direction
06
07
14
15
Configures port pin as input or output
Drive Select
08
09
16
17
Configures port pins as either CMOS or
Open Drain on some pins, while selecting
high slew rate on other pins.
Input
macrocell
0A
0B
18
Reads input macrocells
Enable Out
0C
0D
1A
1B
Reads the status of the output enable to
the I/O port driver
Output
macrocells
AB
20
20
READ – reads output of macrocells AB
WRITE – loads macrocell flip-flops
Output
macrocells
BC
21
21
READ – reads output of macrocells BC
WRITE – loads macrocell flip-flops
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com