công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD853F2 bảng dữ liệu(PDF) 82 Page - STMicroelectronics

tên linh kiện PSD853F2
Giải thích chi tiết về linh kiện  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 bảng dữ liệu(HTML) 82 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 78Page - STMicroelectronics PSD853F2 Datasheet HTML 79Page - STMicroelectronics PSD853F2 Datasheet HTML 80Page - STMicroelectronics PSD853F2 Datasheet HTML 81Page - STMicroelectronics PSD853F2 Datasheet HTML 82Page - STMicroelectronics PSD853F2 Datasheet HTML 83Page - STMicroelectronics PSD853F2 Datasheet HTML 84Page - STMicroelectronics PSD853F2 Datasheet HTML 85Page - STMicroelectronics PSD853F2 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
Power management
PSD8XXFX
82/128
Doc ID 7833 Rev 7
Figure 32.
Enable Power-down flowchart
17.4
PLD power management
The power and speed of the PLDs are controlled by the Turbo Bit (Bit 3) in PMMR0. By
setting the bit to '1,' the Turbo mode is off and the PLDs consume the specified standby
current when the inputs are not switching for an extended time of 70ns. The propagation
delay time is increased by 10ns after the Turbo Bit is set to '1' (turned off) when the inputs
change at a composite frequency of less than 15 MHz. When the Turbo Bit is reset to '0'
(turned on), the PLDs run at full power and speed. The Turbo Bit affects the PLD’s DC
power, AC power, and propagation delay.
Blocking MCU control signals with the bits of PMMR2 can further reduce PLD AC power
consumption.
Enable APD
Set PMMR0 Bit 1 = 1
PSD in Power
Down Mode
ALE/AS idle
for 15 CLKIN
clocks?
RESET
Yes
No
OPTIONAL
Disable desired inputs to PLD
by setting PMMR0 bits 4 and 5
and PMMR2 bits 2 through 6.
AI02892
Table 31.
Power Management mode registers PMMR0(1)
Bit
Name
Description
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
APD Enable
0 =
off
Automatic Power-down (APD) is disabled.
1 =
on
Automatic Power-down (APD) is enabled.
Bit 2
X
0
Not used, and should be set to zero.
Bit 3
PLD Turbo
0 =
on
PLD Turbo mode is on
1 =
off
PLD Turbo mode is off, saving power.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com