công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD853F2 bảng dữ liệu(PDF) 80 Page - STMicroelectronics

tên linh kiện PSD853F2
Giải thích chi tiết về linh kiện  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 bảng dữ liệu(HTML) 80 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 76Page - STMicroelectronics PSD853F2 Datasheet HTML 77Page - STMicroelectronics PSD853F2 Datasheet HTML 78Page - STMicroelectronics PSD853F2 Datasheet HTML 79Page - STMicroelectronics PSD853F2 Datasheet HTML 80Page - STMicroelectronics PSD853F2 Datasheet HTML 81Page - STMicroelectronics PSD853F2 Datasheet HTML 82Page - STMicroelectronics PSD853F2 Datasheet HTML 83Page - STMicroelectronics PSD853F2 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
Power management
PSD8XXFX
80/128
Doc ID 7833 Rev 7
17.1
Automatic Power-down (APD) Unit and Power-down mode
The APD Unit, shown in Figure 31, puts the PSD into Power-down mode by monitoring the
activity of Address Strobe (ALE/AS, PD0). If the APD Unit is enabled, as soon as activity on
Address Strobe (ALE/AS, PD0) stops, a four bit counter starts counting. If Address Strobe
(ALE/AS, PD0) remains inactive for fifteen clock periods of CLKIN (PD1), Power-down
(PDN) goes high, and the PSD enters Power-down mode, as discussed next.
Power-down mode
By default, if you enable the APD Unit, Power-down mode is automatically enabled. The
device enters Power-down mode if Address Strobe (ALE/AS, PD0) remains inactive for
fifteen periods of CLKIN (PD1).
The following should be kept in mind when the PSD is in Power-down mode:
●
If Address Strobe (ALE/AS, PD0) starts pulsing again, the PSD returns to normal
operating mode. The PSD also returns to normal operating mode if either PSD Chip
Select input (CSI, PD2) is low or the Reset (RESET) input is high.
●
The MCU address/data bus is blocked from all memory and PLDs.
●
Various signals can be blocked (prior to Power-down mode) from entering the PLDs by
setting the appropriate bits in the PMMR registers. The blocked signals include MCU
control signals and the common CLKIN (PD1). Note that blocking CLKIN (PD1) from
the PLDs does not block CLKIN (PD1) from the APD Unit.
●
All PSD memories enter Standby mode and are drawing standby current. However, the
PLD and I/O ports blocks do not go into Standby mode because you don’t want to have
to wait for the logic and I/O to “wake up” before their outputs can change. See Table 29
for Power-down mode effects on PSD ports.
●
Typical standby current is of the order of microamperes. These standby current values
assume that there are no transitions on any PLD input.
Table 29.
Power-down mode’s effect on ports
Port function
Pin level
MCU I/O
No change
PLD Out
No change
Address Out
Undefined
Data port
Tri-state
Peripheral I/O
Tri-state
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com