| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD853F2 bảng dữ liệu(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD853F2 bảng dữ liệu(HTML) 85 Page - STMicroelectronics |
|
85 / 128 page ![]() PSD8XXFX Reset timing and device status at reset Doc ID 7833 Rev 7 85/128 18 Reset timing and device status at reset 18.1 Power-up reset Upon Power-up, the PSD requires a Reset (RESET) pulse of duration tNLNH-PO after VCC is steady. During this period, the device loads internal configurations, clears some of the registers and sets the Flash memory into operating mode. After the rising edge of Reset (RESET), the PSD remains in the Reset mode for an additional period, tOPR, before the first memory access is allowed. The Flash memory is reset to the READ mode upon Power-up. Sector Select (FS0-FS7 and CSBOOT0-CSBOOT3) must all be low, Write Strobe (WR, CNTL0) high, during Power On Reset for maximum security of the data contents and to remove the possibility of a byte being written on the first edge of Write Strobe (WR, CNTL0). Any Flash memory WRITE cycle initiation is prevented automatically when VCC is below VLKO. 18.2 Warm reset Once the device is up and running, the device can be reset with a pulse of a much shorter duration, tNLNH. The same tOPR period is needed before the device is operational after warm reset. Figure 33 shows the timing of the Power-up and warm reset. 18.3 I/O pin, register and PLD status at Reset Table 34 shows the I/O pin, register and PLD status during Power On Reset, warm reset and Power-down mode. PLD outputs are always valid during warm reset, and they are valid in Power On Reset once the internal PSD Configuration bits are loaded. This loading of PSD is completed typically long before the VCC ramps up to operating level. Once the PLD is active, the state of the outputs are determined by the PSDabel equations. 18.4 Reset of Flash memory erase and program cycles (on the PSD834Fx) A Reset (RESET) also resets the internal Flash memory state machine. During a Flash memory program or erase cycle, Reset (RESET) terminates the cycle and returns the Flash memory to the Read mode within a period of tNLNH-A. Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |