công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD853F2 bảng dữ liệu(PDF) 31 Page - STMicroelectronics

tên linh kiện PSD853F2
Giải thích chi tiết về linh kiện  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 bảng dữ liệu(HTML) 31 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 27Page - STMicroelectronics PSD853F2 Datasheet HTML 28Page - STMicroelectronics PSD853F2 Datasheet HTML 29Page - STMicroelectronics PSD853F2 Datasheet HTML 30Page - STMicroelectronics PSD853F2 Datasheet HTML 31Page - STMicroelectronics PSD853F2 Datasheet HTML 32Page - STMicroelectronics PSD853F2 Datasheet HTML 33Page - STMicroelectronics PSD853F2 Datasheet HTML 34Page - STMicroelectronics PSD853F2 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
PSD8XXFX
Instructions
Doc ID 7833 Rev 7
31/128
cycle that is currently in progress. Lastly, the MCU may use instructions to read special data
from these memory blocks. The following sections describe these READ functions.
7.3
Read memory contents
Primary Flash memory and secondary Flash memory are placed in the READ mode after
Power-up, chip reset, or a Reset Flash instruction (see Table 10). The MCU can read the
memory contents of the primary Flash memory or the secondary Flash memory by using
READ operations any time the READ operation is not part of an instruction.
7.4
Read Primary Flash Identifier
The primary Flash memory identifier is read with an instruction composed of 4 operations: 3
specific WRITE operations and a READ operation (see Table 10). During the READ
operation, address bits A6, A1, and A0 must be '0,0,1,' respectively, and the appropriate
Sector Select (FS0-FS7) must be high. The identifier for the PSD813F2/3/4/5 is E4h, and for
the PSD83xF2 or PSD85xF2 it is E7h.
7.5
Read Memory Sector Protection status
The primary Flash memory Sector Protection Status is read with an instruction composed of
4 operations: 3 specific WRITE operations and a READ operation (see Table 10). During the
READ operation, address Bits A6, A1, and A0 must be '0,1,0,' respectively, while Sector
Select (FS0-FS7 or CSBOOT0-CSBOOT3) designates the Flash memory sector whose
protection has to be verified. The READ operation produces 01h if the Flash memory sector
is protected, or 00h if the sector is not protected.
The sector protection status for all NVM blocks (primary Flash memory or secondary Flash
memory) can also be read by the MCU accessing the Flash Protection registers in PSD I/O
space. See Section 10.1: Flash Memory Sector Protect for register definitions.
7.6
Reading the Erase/Program Status bits
The PSD provides several status bits to be used by the MCU to confirm the completion of an
Erase or Program cycle of Flash memory. These status bits minimize the time that the MCU
spends performing these tasks and are defined in Table 11. The status bits can be read as
many times as needed.
For Flash memory, the MCU can perform a READ operation to obtain these status bits while
an Erase or Program instruction is being executed by the embedded algorithm. See
Section 8: Programming Flash memory for details.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com