công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD853F2 bảng dữ liệu(PDF) 81 Page - STMicroelectronics

tên linh kiện PSD853F2
Giải thích chi tiết về linh kiện  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 bảng dữ liệu(HTML) 81 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 77Page - STMicroelectronics PSD853F2 Datasheet HTML 78Page - STMicroelectronics PSD853F2 Datasheet HTML 79Page - STMicroelectronics PSD853F2 Datasheet HTML 80Page - STMicroelectronics PSD853F2 Datasheet HTML 81Page - STMicroelectronics PSD853F2 Datasheet HTML 82Page - STMicroelectronics PSD853F2 Datasheet HTML 83Page - STMicroelectronics PSD853F2 Datasheet HTML 84Page - STMicroelectronics PSD853F2 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 128 page
background image
PSD8XXFX
Power management
Doc ID 7833 Rev 7
81/128
Figure 31.
APD unit
17.2
For users of the HC11 (or compatible)
The HC11 turns off its E clock when it sleeps. Therefore, if you are using an HC11 (or
compatible) in your design, and you wish to use the Power-down mode, you must not
connect the E clock to CLKIN (PD1). You should instead connect a crystal oscillator to
CLKIN (PD1). The crystal oscillator frequency must be less than 15 times the frequency of
AS. The reason for this is that if the frequency is greater than 15 times the frequency of AS,
the PSD keeps going into Power-down mode.
17.3
Other power saving options
The PSD offers other reduced power saving options that are independent of the Power-
down mode. Except for PSD Chip Select input (CSI, PD2) features, they are enabled by
setting bits in PMMR0 and PMMR2.
APD EN
PMMR0 BIT 1=1
ALE
RESET
CSI
CLKIN
TRANSITION
DETECTION
EDGE
DETECT
APD
COUNTER
POWER DOWN
(PDN)
DISABLE BUS
INTERFACE
EEPROM SELECT
FLASH SELECT
SRAM SELECT
PD
CLR
PD
DISABLE
FLASH/EEPROM/SRAM
PLD
SELECT
AI02891
Table 30.
PSD timing and standby current during Power-down mode
Mode
PLD propagation delay
Memory
access time
Access recovery time
to normal access
Typical standby current
5V VCC
3V VCC
Power-down
Normal tPD
(1)
No access
tLVDV
75 µA(2)
25 µA(2)
1.
Power-down does not affect the operation of the PLD. The PLD operation in this mode is based only on the Turbo Bit.
2.
Typical current consumption assuming no PLD inputs are changing state and the PLD Turbo Bit is ’0.’
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com