công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD853F2 bảng dữ liệu(PDF) 127 Page - STMicroelectronics

tên linh kiện PSD853F2
Giải thích chi tiết về linh kiện  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 bảng dữ liệu(HTML) 127 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 120Page - STMicroelectronics PSD853F2 Datasheet HTML 121Page - STMicroelectronics PSD853F2 Datasheet HTML 122Page - STMicroelectronics PSD853F2 Datasheet HTML 123Page - STMicroelectronics PSD853F2 Datasheet HTML 124Page - STMicroelectronics PSD853F2 Datasheet HTML 125Page - STMicroelectronics PSD853F2 Datasheet HTML 126Page - STMicroelectronics PSD853F2 Datasheet HTML 127Page - STMicroelectronics PSD853F2 Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 127 / 128 page
background image
PSD8XXFX
Revision history
Doc ID 7833 Rev 7
127/128
Revision history
Table 79.
Document revision history
Date
Revision
Changes
15-Oct-99
1.0
Initial release as a WSI document
27-Oct-00
1.1
Port A Peripheral Data mode Read Timing, changed to 50
30-Nov-00
1.2
PSD85xF2 added
23-Oct-01
2.0
Document rewritten using the ST template
07-Apr-03
3.0
v2.2 Template applied; voltage correction (Table 75)
12-Jun-03
3.1
Fix errors in PQFQ52 Connections
02-Oct-03
3.2
Correct Instructions (Table 10); update disclaimer, Title for EDOCS
application
17-Nov-03
3.3
Correct package references (Features)
04-Jun-04
4.0
Reformatted (adjust RPN list); added Table 9; added ‘U’ package
(64-pin) (Features, Figure 3, Figure 52; Table 74, Table 75,
Table 78); 5V split from original
05-Jan-06
5.0
Added Silicon Revision A into part numbering scheme. See Table 75
13-Feb-2009
6
Document reformatted.
Removed root part number PSD813F3.
SRAM standby mode removed. Backup battery feature removed.
All products are delivered in ECOPACK-compliant packages.
Section 23: Package mechanical updated.
Minor text modifications.
05-May-2009
7
Corrected pin 7 of TQFP64 package in Figure 3: TQFP64
connections.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com