công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD853F2 bảng dữ liệu(PDF) 107 Page - STMicroelectronics

tên linh kiện PSD853F2
Giải thích chi tiết về linh kiện  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD853F2 bảng dữ liệu(HTML) 107 Page - STMicroelectronics

Back Button PSD853F2 Datasheet HTML 103Page - STMicroelectronics PSD853F2 Datasheet HTML 104Page - STMicroelectronics PSD853F2 Datasheet HTML 105Page - STMicroelectronics PSD853F2 Datasheet HTML 106Page - STMicroelectronics PSD853F2 Datasheet HTML 107Page - STMicroelectronics PSD853F2 Datasheet HTML 108Page - STMicroelectronics PSD853F2 Datasheet HTML 109Page - STMicroelectronics PSD853F2 Datasheet HTML 110Page - STMicroelectronics PSD853F2 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 128 page
background image
PSD8XXFX
AC/DC parameters
Doc ID 7833 Rev 7
107/128
tTHEH
R/W setup time to Enable
6
10
18
ns
tELTL
R/W hold time After Enable
0
0
0
ns
tAVPV
Address input valid to
Address output delay
(5)
20
25
30
ns
1.
Any input used to select an internal PSD function.
2.
RD timing has the same timing as DS, LDS, and UDS signals.
3.
RD and PSEN have the same timing.
4.
RD timing has the same timing as DS, LDS, UDS, and PSEN signals.
5.
In multiplexed mode, latched addresses generated from ADIO delay to address output on any port.
Table 56.
READ timing (5 V devices) (continued)
Symbol
Parameter
Conditions
-70
-90
-15
Turbo
off
Unit
Min Max Min Max Min
Max
Table 57.
READ timing (3 V devices)
Symbol
Parameter
Conditions
-12
-15
-20
Turbo
off
Unit
Min Max Min
Max
Min Max
tLVLX
ALE or AS pulse width
26
26
30
ns
tAVLX
Address setup time
(1)
910
12
ns
tLXAX
Address hold time
(1)
912
14
ns
tAVQV
Address valid to data valid
(1)
120
150
200
+ 20
ns
tSLQV
CS valid to data valid
120
150
200
ns
tRLQV
RD to data valid 8-bit bus
(2)
35
35
40
ns
RD or PSEN to data valid 8-bit bus,
8031, 80251
(3)
45
50
55
ns
tRHQX
RD data hold time
(4)
00
0
ns
tRLRH
RD pulse width
38
40
45
ns
tRHQZ
RD to data high-Z
(4)
38
40
45
ns
tEHEL
E pulse width
40
45
52
ns
tTHEH
R/W setup time to enable
15
18
20
ns
tELTL
R/W hold time after enable
0
0
0
ns
tAVPV
Address input valid to
address output delay
(5)
33
35
40
ns
1.
Any input used to select an internal PSD function.
2.
RD timing has the same timing as DS, LDS, and UDS signals.
3.
RD and PSEN have the same timing for 8031.
4.
RD timing has the same timing as DS, LDS, UDS, and PSEN signals.
5.
In multiplexed mode latched address generated from ADIO delay to address output on any port.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com