công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC7812SPAP bảng dữ liệu(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AMC7812SPAP
Giải thích chi tiết về linh kiện  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP bảng dữ liệu(HTML) 80 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 76Page - Texas Instruments AMC7812SPAP Datasheet HTML 77Page - Texas Instruments AMC7812SPAP Datasheet HTML 78Page - Texas Instruments AMC7812SPAP Datasheet HTML 79Page - Texas Instruments AMC7812SPAP Datasheet HTML 80Page - Texas Instruments AMC7812SPAP Datasheet HTML 81Page - Texas Instruments AMC7812SPAP Datasheet HTML 82Page - Texas Instruments AMC7812SPAP Datasheet HTML 83Page - Texas Instruments AMC7812SPAP Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (October 2012) to Revision E
Page
•
Changed 2nd, 4th, 5th, and 7th values in Slave Address column in Table 8 ..................................................................... 49
Changes from Revision C (March 2012) to Revision D
Page
•
Added TA = +25°C to Load current Test Conditions for Source within 200mV .................................................................... 3
•
Added TA = +25°C to Load current Test Conditions for Sink within 300mV ......................................................................... 3
•
Added DAC output = 0V to +5V, code B33h. Source and/or sink, voltage drop < 25mV, TA: -40°C to 95°C
(1) to Load
current Test Conditions ......................................................................................................................................................... 3
•
Added 0V to VREF mode to Input capacitance .................................................................................................................... 4
•
Added 0V to (2 · VREF) mode to Input capacitance ............................................................................................................ 4
•
Changed UNIT from ms to µs in TIMING CHARACTERISTICS: SDA and SCL for Standard and Fast Modes ................ 10
•
Added I
2C Timeout Function Section. ................................................................................................................................. 10
•
Added Note recommending an SCL frequency of at least 1kHz to avoid a timeout event. ............................................... 10
•
Added I
2C Timeout Function Section. ................................................................................................................................. 11
•
Added Note recommending an SCL frequency of at least 1kHz to avoid a timeout event. ............................................... 11
•
Changed Output data valid time in TIMING CHARACTERISTICS: SPI Bus ..................................................................... 13
•
Added I
2C Timeout Function Section. ................................................................................................................................. 50
•
Changed Register Map address 4B default to 00FF .......................................................................................................... 60
•
Changed GPIO Register Default address to 00FFh ........................................................................................................... 65
•
Changed - Hysteresis Register 2 text From: "The range is 0°C to +32°C" To: "The range is 0°C to +31°C" .................... 78
(1)
Valid only for material manufactured on or after October 2012.
Changes from Revision B (November 2011) to Revision C
Page
•
Changed Features Bullet From: Small Packages: 9mm x 9mm QFN-64 To: Small Packages: 9mm x 9mm QFN-64,
and 10mm x 10mm HTQFP-64 ............................................................................................................................................. 1
•
Added HTQFP-64 package option to the Description .......................................................................................................... 1
•
Added HTQFP-64 package to the PACKAGE/ORDERING INFORMATION table .............................................................. 2
•
Added PAP (HTQFP) to the Thermal Information table ....................................................................................................... 2
•
Added the HTQFP-64 Pin Configuration .............................................................................................................................. 8
•
Added text "QFN Package" to Figure 75 and Figure 76 ..................................................................................................... 27
•
Added Figure 77 and Figure 78 .......................................................................................................................................... 27
•
η-Factor Range Table, Changed From: 0000 0020 To: 0000 0010 ................................................................................... 37
•
η-Factor Range Table, Changed From 1111 0000 To: 1000 0000 .................................................................................... 37
80
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com