công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC7812SPAP bảng dữ liệu(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AMC7812SPAP
Giải thích chi tiết về linh kiện  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP bảng dữ liệu(HTML) 79 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 75Page - Texas Instruments AMC7812SPAP Datasheet HTML 76Page - Texas Instruments AMC7812SPAP Datasheet HTML 77Page - Texas Instruments AMC7812SPAP Datasheet HTML 78Page - Texas Instruments AMC7812SPAP Datasheet HTML 79Page - Texas Instruments AMC7812SPAP Datasheet HTML 80Page - Texas Instruments AMC7812SPAP Datasheet HTML 81Page - Texas Instruments AMC7812SPAP Datasheet HTML 82Page - Texas Instruments AMC7812SPAP Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
POWER-DOWN REGISTER (Read/Write, Address = 6Bh, Default = 0000h)
After power-on or reset, all bits in the Power-Down Register are cleared to '0', and all the components controlled
by this register are either powered-down or off. The Power-Down Register allows the host to manage the
AMC7812 power dissipation. When not required, the ADC, the reference buffer amplifier, and any of the DACs
can be put into an inactive low-power mode to reduce current drain from the supply. The bits in the Power-Down
Register control this power-down function. Set the respective bit to '1' to activate the corresponding function.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PDAC
PDAC
PDAC
PDAC
PDAC
PDAC
PDAC
PDAC
PDAC
PDAC
PDAC
PDAC
0
PADC
PREF
0
0
1
2
3
4
5
6
7
8
9
10
11
Bit 14
PADC: Power-down mode control bit.
If PADC = '1', the ADC is in normal operating mode.
If PADC = '0', the ADC is inactive in low-power mode.
Bit 13
PREF: Internal reference in power-down mode control bit.
If PREF = '1', the reference buffer amplifier is powered on.
If PREF = '0', the reference buffer amplifier is inactive in low-power mode.
Bits[12:1]
PDACn: DACn power-down control bit.
If PDACn = '1', DACn is in normal operating mode.
If PDACn = '0', DACn is inactive in low-power mode and its output buffer amplifier is in a Hi-Z state. The output pin of
DACn is internally switched from the buffer output to the analog ground through an internal resistor.
Device ID Register (Read-Only, Address = 6Ch, Default = 1220h)
Model and revision information.
Software Reset Register (Read/Write, Address = 7Ch, Default = NA)
The Software Reset Register resets all registers to default values, except for the DAC Data Register, DAC Latch,
and DAC Clear Register. The software reset is similar to a hardware reset, which resets all registers including
the DAC Data Register, DAC Latch, and DAC Clear Register. After a software reset, make sure that the DAC
Data Register, DAC latch, and DAC Clear Register are set to the desired values before the DAC is powered on.
SPI Mode
In SPI Mode, writing 6600h to this register forces the device reset.
I2C Mode
Writing to this register (with any data) forces the device to perform a software reset. Reading this register returns
an undefined value that must be ignored. Note that this register is 8-bit, instead of 16-bit. Both reading from and
writing to this register are single-byte operations. Writing data to the Software Reset Register in I2C Mode is
shown in the following steps:
1. The master device asserts a start condition.
2. The master then sends the 7-bit AMC7812 slave address followed by a zero for the direction bit, indicating a
write operation.
3. The AMC7812 asserts an acknowledge signal on SDA.
4. The master sends register address 7Ch.
5. The AMC7812 asserts an acknowledge signal on SDA.
6. The master sends a data byte.
7. The AMC7812 asserts an acknowledge signal on SDA.
8. The master asserts a stop condition to end the transaction.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com