công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC7812SPAP bảng dữ liệu(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AMC7812SPAP
Giải thích chi tiết về linh kiện  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP bảng dữ liệu(HTML) 57 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 53Page - Texas Instruments AMC7812SPAP Datasheet HTML 54Page - Texas Instruments AMC7812SPAP Datasheet HTML 55Page - Texas Instruments AMC7812SPAP Datasheet HTML 56Page - Texas Instruments AMC7812SPAP Datasheet HTML 57Page - Texas Instruments AMC7812SPAP Datasheet HTML 58Page - Texas Instruments AMC7812SPAP Datasheet HTML 59Page - Texas Instruments AMC7812SPAP Datasheet HTML 60Page - Texas Instruments AMC7812SPAP Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
SDI
SDO
CS
R0
R1
R2
R3
XX
D0
D1
D2
D3
AnyCommand
R
XX=Don’tcare,undefined
n
N
n
N
=ReadCommandforRegister
D =DatafromRegister
SDI
SDO
W0
W1
W2
W3
XX
CS
XX
XX
XX
W =WriteCommandforRegister
XX=Don’tcare,undefined
n
N
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
Standalone Operation
In standalone mode, as shown in Figure 105, each AMC7812 has its own SPI bus. The serial clock can be
continuous or gated. The first falling edge of CS starts the operation cycle. Exactly 24 falling clock edges must be
applied before CS is brought high again. If CS is brought high before the 24th falling SCLK edge, or if more than
24 falling SCLK edges are applied before CS is brought high, then the input data are incorrect. The device input
register is updated from the Shift Register on the rising edge of CS, and data are automatically transferred to the
addressed registers as well. In order for another serial transfer to occur, CS must be brought low again.
Figure 106 and Figure 107 show write, and read operations in standalone mode.
Figure 105. Standalone Operation
Figure 106. Write Operation in Standalone Mode
Figure 107. Read Operation in Standalone Mode
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com