công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC7812SPAP bảng dữ liệu(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AMC7812SPAP
Giải thích chi tiết về linh kiện  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 30Page - Texas Instruments AMC7812SPAP Datasheet HTML 31Page - Texas Instruments AMC7812SPAP Datasheet HTML 32Page - Texas Instruments AMC7812SPAP Datasheet HTML 33Page - Texas Instruments AMC7812SPAP Datasheet HTML 34Page - Texas Instruments AMC7812SPAP Datasheet HTML 35Page - Texas Instruments AMC7812SPAP Datasheet HTML 36Page - Texas Instruments AMC7812SPAP Datasheet HTML 37Page - Texas Instruments AMC7812SPAP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
Data Available Pin (DAV)
DAV is an output pin that indicates the completion of ADC conversions. The DAVF bit in AMC Configuration
Register 0 determines the status of the DAV pin. In direct mode, after the selected group of input channels have
been converted and the ADC has been stopped, the DAVF bit is set to '1' and the DAV pin is driven to logic low
(active). In ADC auto mode, each time the group of input channels have been sequentially converted, a 1µs
pulse (low) appears on the DAV pin.
Convert Pin (CNVT)
CNVT is the input pin for the external ADC trigger signal. ADC channel conversions begin on the falling edge of
the CNVT pulse. If a CNVT pulse occurs when the ADC is already converting, then the ADC continues
conversion of the current channel. After the completion of the current channel, the existing conversion cycle
finishes and a new conversion cycle starts. The selected channels specified in the ADC Channel Registers are
converted sequentially in order of enabled channels.
Analog Input Out-of-Range Detection (see the Analog Input Out-of-Range Alarm Section)
The analog inputs of CH0 to CH3 and the temperature inputs are implemented with out-of-range detection. When
any one of them is out of the preset range, the corresponding alarm flag in the Status Register is set. If any
inputs are out of range, the global out-of-range pin (ALARM) goes low. To avoid a false alarm, the device is
implemented with false-alarm protection. See the Alarm Operation section for more details.
Full-Scale Range of the Analog Input
The Gain bit of the ADC Gain Register determines the full-scale range of the analog input. Full-scale range is
VREF when ADGn = 0, or (2 · VREF) when ADGn = 1. If a channel pair is configured for differential operation, the
input ranges are either ±VREF or ±(2 · VREF). In (2 · VREF) mode, the input is effectively divided by two before the
conversion takes place. Each input must not exceed the supply value of AVDD + 0.2V or AGND - 0.2V. When the
REF-OUT pin is connected to the REF-ADC pin, the internal reference is used as the ADC reference. When an
external reference voltage is applied to the REF-ADC pin, the external reference is used as the ADC reference.
34
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com