công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC7812SPAP bảng dữ liệu(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AMC7812SPAP
Giải thích chi tiết về linh kiện  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP bảng dữ liệu(HTML) 56 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 52Page - Texas Instruments AMC7812SPAP Datasheet HTML 53Page - Texas Instruments AMC7812SPAP Datasheet HTML 54Page - Texas Instruments AMC7812SPAP Datasheet HTML 55Page - Texas Instruments AMC7812SPAP Datasheet HTML 56Page - Texas Instruments AMC7812SPAP Datasheet HTML 57Page - Texas Instruments AMC7812SPAP Datasheet HTML 58Page - Texas Instruments AMC7812SPAP Datasheet HTML 59Page - Texas Instruments AMC7812SPAP Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
Serial Peripheral Interface (SPI)
The AMC7812 can be controlled over a versatile 3-wire serial interface that operates at clock rates of up to
50MHz and is compatible with SPI, QSPI™, MICROWIRE™, and DSP standards. The SPI communication
command consists of a read/write bit, seven register address bits, and 16 data bits (as shown in Table 9), for a
total of 24 bits. The timing for this operation is shown in the SPI timing diagrams (Figure 3, Figure 4, and
Figure 5).
SPI Shift Register
The SPI shift register is 24 bits wide. Data are loaded into the device MSB first as a 24-bit word under the control
of the serial clock input, SCLK. The falling edge of CS starts the communication cycle. The data are latched into
the SPI shift register on the falling edge of SCLK, while CS is low. When CS is high, the SCLK and SDI signals
are blocked out and the SDO line is in a high-impedance state. The contents of the SPI shift register are loaded
into the device internal register on the rising edge of CS (with delay). During the transfer, the command is
decoded and the new data are transferred into the proper registers.
The serial interface works with both a continuous and non-continuous serial clock. A continuous SCLK source
can only be used if CS is held low for the correct number of clock cycles. In gated clock mode, a burst clock
containing the exact number of clock cycles must be used and CS must be taken high after the final clock to
latch the data.
AMC7812 Communications Command for SPI
The AMC7812 is entirely controlled by registers. Reading from and writing to these registers is accomplished by
issuing a 24-bit operation word shown in Table 9.
Table 9. 24-Bit Word Structure for Read/Write Operation
OPERATION
I/O
BIT 23 (MSB)
BIT22:BIT16
BIT15:BIT0
SDI
0 (R/W)
Addr6:Addr0
Data to be written
Write
Undefined or data depending on the
SDO
Data is undefined
Data is undefined
previous frame
SDI
1 (R/W)
Addr6:Addr0
don't care
Read frame 1
Undefined or data depending on the
SDO
Data is undefined
Data is undefined
previous frame
SDI
1 (R/W)
Addr6:Addr0
don't care
Read frame 2
SDO
Data is undefined
Data is undefined
Data for address specified in frame 1
Bit 23
R/W. Indicates a read from or a write to the addressed register.
Bit = '0' sets the write operation and the data are written to the specified register.
Bit = '1' sets the read operation where bits [addr6:addr0] select the register to be read. The remaining bits are don't care.
The data read from the selected register appear on SDO pin in the next SPI cycle.
Bits[22:16]
Addr6:Addr0. Register address; specifies which register is accessed.
Bits[15:0]
DATA. 16-bit data bits.
In write operation, these bits are written to bits[15:0] of the register with the address of [Addr6:Addr0].
In read operation, these bits are determined by previous operation. If previous operation is a read, these bits are from
bits[15:0] of the internal register specified in previous read operation. If previous operation is a write, these data bits are
don’t care (undefined). The data read from current read operation appears on SDO in the next operation cycle.
56
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com