công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC7812SPAP bảng dữ liệu(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AMC7812SPAP
Giải thích chi tiết về linh kiện  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 32Page - Texas Instruments AMC7812SPAP Datasheet HTML 33Page - Texas Instruments AMC7812SPAP Datasheet HTML 34Page - Texas Instruments AMC7812SPAP Datasheet HTML 35Page - Texas Instruments AMC7812SPAP Datasheet HTML 36Page - Texas Instruments AMC7812SPAP Datasheet HTML 37Page - Texas Instruments AMC7812SPAP Datasheet HTML 38Page - Texas Instruments AMC7812SPAP Datasheet HTML 39Page - Texas Instruments AMC7812SPAP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
The AMC7812 has three temperature sensors: two remote (D1 and D2) and one on-chip (LT). If any sensor is
not used, it can be disabled by clearing the corresponding enable bit (bits D2EN, D1EN, and LTEN of the Temp
Configuration Register). When disabled, the sensors are not converted. The AMC7812 continuously monitors the
selected temperature sensors in the background, leaving the user free to perform conversions on the other
channels. When one monitor cycle finishes, a signal passes to the control logic to automatically initiate a new
conversion.
The analog sensing signal is preprocessed by a low-pass filter and signal conditioning circuitry, and then
digitized by the ADC. The resulting digital signal is further processed by the digital filter and processing unit. The
final result is stored in the LT-Temperature-Data Register, the D1-Temperature-Data Register, and the D2-
Temperature-Data Register, respectively. The format of the final result is in twos complement, as shown in
Table 2. Note that the device measures the temperature from –40°C to +150°C.
Table 2. Temperature Data Format
TEMPERATURE (°C)
DIGITAL CODE
+255.875
011111111111
+150
010010110000
+100
001100100000
+50
000110010000
+25
000011001000
+1
000000001000
0
000000000000
–1
111111111000
–25
111100111000
–50
111001110000
–100
110011100000
–150
101101010000
–256
100000000000
36
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com