công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX53IEC bảng dữ liệu(PDF) 102 Page - Freescale Semiconductor, Inc

tên linh kiện IMX53IEC
Giải thích chi tiết về linh kiện  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC bảng dữ liệu(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 98Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 99Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 100Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 101Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 102Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 103Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 104Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 105Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
102
Freescale Semiconductor
Electrical Characteristics
Table 64. Asynchronous Parallel Interface Timing Parameters (Access Level)
ID
Parameter
Symbol
Min
Typ1
1The exact conditions have not been finalized, but will likely match the current customer requirement for their specific display.
These conditions may be chip specific.
Max
Unit
IP28 Write system cycle time
Tcycw
Tdicpw - 1.24
Tdicpw2
2Display period value for write
ACCESS_SIZE is predefined in REGISTER.
Tdicpw+1.24
ns
IP29 RS start
Tdcsrr
Tdicurs - 1.24
Tdicurs
Tdicurs+1.24
ns
IP30 CS start
Tdcsc
Tdicucs - 1.24
Tdicur
Tdicucs+1.24
ns
IP31 CS hold
Tdchc
Tdicdcs - Tdicucs - 1.24 Tdicdcs3-Tdicucs4
3Display control down for CS
DISP_DOWN is predefined in REGISTER.
4Display control up for CS
DISP_UP is predefined in REGISTER.
Tdicdcs - Tdicucs+1.24
ns
IP32 RS hold
Tdchrr
Tdicdrs - Tdicurs - 1.24
Tdicdrs5-Tdicurs6
5Display control down for RS
DISP_DOWN is predefined in REGISTER.
6Display control up for RS
DISP_UP is predefined in REGISTER.
Tdicdrs - Tdicurs+1.24
ns
IP35 Controls setup time for
write
Tdcsw
Tdicuw - 1.24
Tdicuw
Tdicuw+1.24
ns
IP36 Controls hold time for
write
Tdchw
Tdicdw - Tdicuw - 1.24
Tdicpw7-Tdicuw8
Tdicdw-Tdicuw+1.24
ns
IP38 Slave device data hold
time8
Troh
Tdrp - Tlbd - Tdicdr+1.2
4
—
Tdicpr - Tdicdr - 1.24
ns
Tdicpw
T
DI_CLK
ceil
×
DI_ACCESS_SIZE_#
DI_CLK_PERIOD
-----------------------------------------------------
=
Tdicdcs
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
--------------------------------------------------
⎝⎠
⎛⎞
=
Tdicucs
1
2
---T
DI_CLK
ceil
×
2
DISP_UP_#
×
DI_CLK_PERIOD
----------------------------------------------
⎝⎠
⎛⎞
=
Tdicdrs
1
2
---T
DI_CLK
ceil
×
2
DISP_DOWN_#
×
DI_CLK_PERIOD
--------------------------------------------------
⎝⎠
⎛⎞
=
Tdicurs
1
2
---T
DI_CLK
ceil
×
2
DISP_UP_#
×
DI_CLK_PERIOD
----------------------------------------------
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com