công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX53IEC bảng dữ liệu(PDF) 54 Page - Freescale Semiconductor, Inc

tên linh kiện IMX53IEC
Giải thích chi tiết về linh kiện  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC bảng dữ liệu(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
54
Freescale Semiconductor
Electrical Characteristics
4.6.6.4
Examples of EIM Synchronous Accesses
Figure 18 to Figure 21 provide few examples of basic EIM accesses to external memory devices with the
timing parameters mentioned previously for specific control parameters settings.
Figure 18. Synchronous Memory Read Access, WSC=1
1 t is the maximal EIM logic (axi_clk) cycle time. The maximum allowed axi_clk frequency is 133 MHz, whereas the maximum
allowed BCLK frequency is 104 MHz. As a result, if BCD = 0, axi_clk must be
≤ 104 MHz. If BCD = 1, then 133 MHz is allowed
for axi_clk, resulting in a BCLK of 66.5 MHz. When the clock branch to EIM is decreased to 104 MHz, other busses are
impacted which are clocked from this source. See the CCM chapter of the i.MX53 Reference Manual for a detailed clock tree
description.
2 BCLK parameters are being measured from the 50% point, that is, high is defined as 50% of signal value and low is defined
as 50% as signal value.
3 For signal measurements “High” is defined as 80% of signal value and “Low” is defined as 20% of signal value.
Last Valid Address
Address v1
D(v1)
BCLK
ADDR
DATA
WE_B
ADV_B
OE_B
BEy_B
CSx_B
WE4
WE5
WE6
WE7
WE10
WE11
WE13
WE12
WE14
WE15
WE18
WE19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com