công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX53IEC bảng dữ liệu(PDF) 25 Page - Freescale Semiconductor, Inc

tên linh kiện IMX53IEC
Giải thích chi tiết về linh kiện  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC bảng dữ liệu(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
25
Figure 2 shows the power-up sequence diagram.
Figure 2. Power-Up Detailed Sequence
1 If fuse writing is required, VDD_FUSE should be powered ON after NVCC_CKIH is stable.
NOTE
Need to ensure that there is no back voltage (leakage) from any supply on
the board towards the 3.3 V supply (for example, from the parts that use
both 1.8 V and the 3.3 V supply).
NOTE
For further details on power-up sequence, see the “Setting up Power
Management” chapter of i.MX53 System Development User’s Guide
(MX53UG).
NVCC_CKIH
(in any order, after NVCC_CKIH
POR_B
Δt> 0
Δt> 0
VCC
90%
90%
(in any order, if needed)
Δt> 0
90%
90%
NVCC_SRTC_POW
(may remain ON)
90%
I/O Supplies below or equal to
I/O Supplies above 2.8 V nom./3.1 V max
2.8 V nom./3.1 V max.
90%
Δt> 0
90%
Δt> 0
Δt> 0
VDD_REG
NVCC_EMI_DRAM
Δt> 0
(in any order)
VP, VPH
Δt> 0
90%
ramp up start, if needed)
(in any order)
VDDA,VDDAL1,VDDGP
Δt> 0
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com