công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD5262EBZ bảng dữ liệu(PDF) 22 Page - Analog Devices

tên linh kiện EVAL-AD5262EBZ
Giải thích chi tiết về linh kiện  1-/2-Channel 15 V Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5262EBZ bảng dữ liệu(HTML) 22 Page - Analog Devices

Back Button EVAL-AD5262EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5260/AD5262
Rev. A | Page 22 of 24
d
ts can be programmed to the same setting
simultaneously.
ate state occurs that may not be acceptable for certain applications.
As a result, different devices can also be used in daisy-chaine
mode so that par
In voltage divider mode, a much lower resistance can be achieved
by paralleling a discrete resistor as shown in Figure 69. The
equivalent resistance becomes
W
eq
WB
R
R2
R1
D
R
+
=
)
//
(
256
_
(16)
+5V
OP1177
VO
–5V
R2A
2.1k
Ω D1
D2
R2B
10k
Ω
VN
R1
1k
Ω
A
B
W
R1 = R1' = R2B = AD5262
D1 = D2 = 1N4148
AD5262
C'
2.2nF
R'
10k
Ω
AB
W
VP
C
2.2nF
FREQUENCY
ADJUSTMENT
R
10k
Ω
A
B
W
U1
AMPLITUDE
W
eq
WA
R
R2
R1
D
R
+
⎟
⎠
⎞
⎜
⎝
⎛ −
=
)
//
(
256
1
_
(17)
W
A
B
R2
R1
R2 << R1
Figure 69. Lowering the Nominal Resistance
ADJUSTMENT
cillator with Amplitude Control
le
o program
both channels coherently with the same settings.
Figure 68 and Figure 69 show that the digital potentiometers
change steps linearly. However, log taper adjustment is usually
preferred in applications like audio control. Figure 70 shows
another method of resistance scaling. In this circuit, the smaller
R2 is with respect to RAB, the more the pseudo-log taper
characteristic behaves.
Figure 67. Programmable Os
RESISTANCE SCALING
The AD5260/AD5262 offer 20 kΩ, 50 kΩ, and 200 kΩ nominal
resistance. For users who need lower resistance and still main-
tain the numbers of step adjustment, they can place multip
devices in parallel. For example, Figure 68 shows a simple
scheme of paralleling both channels of the AD5262. To adjust
half of the resistance linearly per step, users need t
VO
A
B
R1
R2
Vi
W
W1
A1
B1
W2
A2
B2
V
LD
DD
Figure 70. Resistor Scaling with Log Adjustment Characteristics
68. Reduce Resistance by Half with Linear Adjustment Characteristics
Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com