công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD5262EBZ bảng dữ liệu(PDF) 20 Page - Analog Devices

tên linh kiện EVAL-AD5262EBZ
Giải thích chi tiết về linh kiện  1-/2-Channel 15 V Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5262EBZ bảng dữ liệu(HTML) 20 Page - Analog Devices

Back Button EVAL-AD5262EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5260/AD5262
Rev. A | Page 20 of 24
BIPOLAR PROGRAMMABLE GAIN AMPLIFIER
For applications that require bipolar gain, Figure 62 shows one
implementation. Digital Potentiometer U1 sets the adjustment
range. The wiper voltage at W2 can therefore be programmed
between Vi and −KVi at a given U2 setting. Configuring A2 in
the noninverting mode allows linear gain and attenuation. The
transfer function is
()
⎟
⎠
⎞
⎜
⎝
⎛
−
+
×
×
⎟
⎠
⎞
⎜
⎝
⎛ +
=
K
K
D
R1
R2
V
V
i
O
1
256
2
1
(5)
where K is the ratio of RWB1/RWA1 set by U1.
–KVi
A1
B1
A2
R1
R2
VDD
VSS
VSS
VDD
OP2177
OP2177
A2
B2
W2
U2
AD5262
U1
AD5262
W1
A1
VO
C1
Vi
Figure 62. Bipolar Programmable Gain Amplifier
Similar to the previous example, in the simpler and more
common case, where K = 1, with a single digital potentiometer,
AD5260, U1 is replaced by a matched pair of resistors to apply
Vi and −Vi at the ends of the digital potentiometer. The relation-
ship becomes
i
O
V
D
R1
R2
V
×
⎟
⎠
⎞
⎜
⎝
⎛
−
⎟
⎠
⎞
⎜
⎝
⎛ +
=
1
256
2
2
1
(6)
If R2 is large, a few picofarad compensation capacitors may be
needed to avoid any gain peaking.
Table 11 shows the result of adjusting D, with A2 configured as
a unity gain, a gain of 2, and a gain of 10. The result is a bipolar
amplifier with linearly programmable gain and 256-step
resolution.
Table 11. Result of Bipolar Gain Amplifier
D
R1 = ∞, R2 = 0
R1 = R2
R2 = 9 × R1
0
−1
−2
−10
64
−0.5
−1
−5
128
0
0
0
192
+0.5
+1
+5
255
+0.968
+1.937
+9.680
PROGRAMMABLE VOLTAGE SOURCE WITH
BOOSTED OUTPUT
For applications that require high current adjustment such as a
laser diode driver or tunable laser, a boosted voltage source can
be considered (see Figure 63).
Vi
A1
VO
W
U1
A
B
CC
IL
5V
SIGNAL LO
N1
R1
10k
Ω
P1
RBIAS
U1 = AD5260
A1 = AD8601, AD8605, AD8541
P1 = FDP360P, NDS9430
N1 = FDV301N, 2N7002
Figure 63. Programmable Boosted Voltage Source
In this circuit, the inverting input of the op amp forces VO to be
equal to the wiper voltage set by the digital potentiometer. The
load current is then delivered by the supply via the P-channel
FET, P1. The N-channel FET, N1, simplifies the op amp driving
requirement. A1 must be the rail-to-rail input type. Resistor R1
is needed to prevent P1 from turning off once it is on. The choice
of R1 is a balance between the power loss of this resistor and
the output turn-off time. N1 can be any general-purpose signal
FET. However, P1 is driven in the saturation state, and there-
fore, its power handling must be adequate to dissipate (Vi − VO)
× IL power. This circuit can source a maximum of 100 mA at 5 V
supply. Higher current can be achieved with P1 in a larger pack-
age. Note that a single N-channel FET can replace P1, N1, and
R1 altogether. However, the output swing is limited unless sepa-
rate power supplies are used. For a precision application, a
voltage reference such as the ADR423, ADR292, or AD1584 can
be applied at the input of the digital potentiometer.
PROGRAMMABLE 4 mA-TO-20 mA CURRENT
SOURCE
A programmable 4 mA-to-20 mA current source can be
implemented with the circuit shown in Figure 64. REF191 is a
unique low supply headroom and high current handling
precision reference that can deliver 20 mA at 2.048 V. The load
current is simply the voltage across Terminal B to Terminal W
of the digital potentiometer, divided by RS.
S
REF
L
R
D
V
I
×
=
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com