công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD5262EBZ bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện EVAL-AD5262EBZ
Giải thích chi tiết về linh kiện  1-/2-Channel 15 V Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5262EBZ bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button EVAL-AD5262EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5260/AD5262
Rev. A | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA =25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to GND
−0.3 V to +17 V
VSS to GND
0 V to −7 V
VDD to VSS
17 V
VL to GND
0 V to +7 V
VA, VB, VW to GND
VSS, VDD
AX to BX, AX to WX, BX to WX
Intermittent1
±20 mA
Continuous
±5 mA
Digital Inputs and Output Voltage
to GND
−0.3 V to VL + 0.3 V, or
+7 V (whichever is less)
Operating Temperature Range
−40°C to +85°C
Maximum Junction Temperature
(TJ MAX)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering,10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Thermal Resistance2 θJA
14-Lead TSSOP
206°C/W
16-Lead TSSOP
150°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance setting.
2 Package power dissipation = (TJ MAX − TA)/θJA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com