công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OR3LP26B bảng dữ liệu(PDF) 177 Page - Agere Systems

tên linh kiện OR3LP26B
Giải thích chi tiết về linh kiện  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

OR3LP26B bảng dữ liệu(HTML) 177 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 173Page - Agere Systems OR3LP26B Datasheet HTML 174Page - Agere Systems OR3LP26B Datasheet HTML 175Page - Agere Systems OR3LP26B Datasheet HTML 176Page - Agere Systems OR3LP26B Datasheet HTML 177Page - Agere Systems OR3LP26B Datasheet HTML 178Page - Agere Systems OR3LP26B Datasheet HTML 179Page - Agere Systems OR3LP26B Datasheet HTML 180Page - Agere Systems OR3LP26B Datasheet HTML 181Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 184 page
background image
Lucent Technologies Inc.
177
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Pin Information (continued)
Table 70. Pinout Information (continued)
* These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi-
tion of the power pad relative to nearby signal pads.
† Pins marked No Connect must be left unconnected.
‡ These pins are connected to a power plane in the package rather than to a particular pad.
OR3LP26B Pad
Function
PBGA 352
PBGAM 680
‡VSS
T14
AB20
‡VSS
T15
AB21
‡VSS
T16
AB22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More