| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OR3LP26B bảng dữ liệu(PDF) 176 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B bảng dữ liệu(HTML) 176 Page - Agere Systems |
|
176 / 184 page ![]() ORCA OR3LP26B FPSC Data Sheet Embedded Master/Target PCI Interface March 2000 176 Lucent Technologies Inc. Lucent Technologies Inc. Pin Information (continued) Table 70. Pinout Information (continued) * These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi- tion of the power pad relative to nearby signal pads. † Pins marked No Connect must be left unconnected. ‡ These pins are connected to a power plane in the package rather than to a particular pad. OR3LP26B Pad Function PBGA 352 PBGAM 680 ‡VDD2— V22 ‡VDD2— W13 ‡VDD2— W14 ‡VDD2— W15 ‡VSS —W16 ‡VSS —W17 ‡VSS —W18 ‡VSS —W19 ‡VDD2— W20 ‡VDD2— W21 ‡VDD2— W22 ‡VSS P11 Y13 ‡VSS P12 Y14 ‡VSS P13 Y15 ‡VDD2— Y16 ‡VDD2— Y17 ‡VDD2— Y18 ‡VDD2— Y19 ‡VSS P14 Y20 ‡VSS P15 Y21 ‡VSS P16 Y22 ‡VSS R11 AA13 ‡VSS R12 AA14 ‡VSS R13 AA15 ‡VDD2— AA16 ‡VDD2— AA17 ‡VDD2— AA18 ‡VDD2— AA19 ‡VSS R14 AA20 ‡VSS R15 AA21 ‡VSS R16 AA22 ‡VSS T11 AB13 ‡VSS T12 AB14 ‡VSS T13 AB15 ‡VDD2— AB16 ‡VDD2— AB17 ‡VDD2— AB18 ‡VDD2— AB19 |