công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OR3LP26B bảng dữ liệu(PDF) 106 Page - Agere Systems

tên linh kiện OR3LP26B
Giải thích chi tiết về linh kiện  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

OR3LP26B bảng dữ liệu(HTML) 106 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 102Page - Agere Systems OR3LP26B Datasheet HTML 103Page - Agere Systems OR3LP26B Datasheet HTML 104Page - Agere Systems OR3LP26B Datasheet HTML 105Page - Agere Systems OR3LP26B Datasheet HTML 106Page - Agere Systems OR3LP26B Datasheet HTML 107Page - Agere Systems OR3LP26B Datasheet HTML 108Page - Agere Systems OR3LP26B Datasheet HTML 109Page - Agere Systems OR3LP26B Datasheet HTML 110Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
106
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Target Write Nonburst Transaction
Figure 35 (PCI bus) and Figure 36 (FPGA bus) show the timing on the PCI and FPGA interfaces, respectively, for a
Target memory nonburst write transaction. The timing on the PCI interface (Figure 35) is similar to that of an I/O
write except that, since bursts to memory space are allowed, the signal stopn is not asserted. The FPGA interface
timing is as shown in Figure 36, and is the same as the timing for memory and I/O write transactions.
5-8854(F).a
Figure 35. Target Write Memory Single (PCI Bus, 64-Bit)
T0
T1
T2
T3
T4
T5
X
ADDRESS
DATA
X
X
CMD
BYTE ENABLES
X
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More